Selected language     English  ▼


AD8224 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
Preliminary Technical Data
AD8224
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 3. Single-Ended Output Configuration—Dynamic Performance (Both Amplifiers)
Parameter
Conditions
Min
A Grade
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
TBD
kHz
G = 10
TBD
kHz
G = 100
TBD
kHz
G =1000
TBD
kHz
Settling Time 0.01%
10 V step
G = 1
TBD
μs
G = 10
TBD
μs
G = 100
TBD
μs
G =1000
TBD
μs
Settling Time 0.001%
10 V step
G = 1
TBD
μs
G = 10
TBD
μs
G = 100
TBD
μs
G =1000
TBD
μs
Slew Rate
G = 1 to 100
TBD
V/μs
Please fill in TBDs if you can.
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 4. Differential Output Configuration1—Dynamic Performance
Parameter
Conditions
Min
A Grade
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth−3 dB
G = 1
TBD
kHz
G = 10
TBD
kHz
G = 100
TBD
kHz
G =1000
TBD
kHz
Settling Time 0.01%
10 V step
G = 1
TBD
μs
G = 10
TBD
μs
G = 100
TBD
μs
G =1000
TBD
μs
Settling Time 0.001%
10 V step
G = 1
TBD
μs
G = 10
TBD
μs
G = 100
TBD
μs
G =1000
TBD
μs
Slew Rate
G = 1 to 100
TBD
V/μs
1 Refers to differential configuration shown in Figure 64.
Rev. PrB | Page 5 of 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4004-41.8 nV/root Hz 36 V Precision Quad Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8500Micropower Precision CMOS Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
MHW9188ANGallium Arsenide CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
AD518LOW-COST HIGH-SPEED IC OPERATIONAL AMPLIFIER 1 2 Analog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl