Selected language     English  ▼


AD8224 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 3 page
background image
Preliminary Technical Data
AD8224
SPECIFICATIONS
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2. Single-Ended and Differential1 Output Configuration
Parameter
Test Conditions
Min
A Grade
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR DC to 60 Hz with 1 kΩ Source Imbalance
VCM = ±10 V
G = 1
78
dB
G = 10
94
dB
G = 100
94
dB
G = 1000
94
dB
CMRR at 5 kHz
VCM = ±10 V
G = 1
74
dB
G = 10
84
dB
G = 100
84
dB
G = 1000
84
dB
NOISE
RTI noise = √(eni2 + (eno/G)2)
Voltage Noise, 1 kHz
Input Voltage Noise, eni
VIN+, VIN− = 0 V
14
nV√Hz
Output Voltage Noise, eno
VIN+, VIN− = 0 V
90
nV√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
5
μV p-p
G = 1000
0.8
μV p-p
Current Noise
f = 1 kHz
1
fA/√Hz
VOLTAGE OFFSET
RTI VOS = (VOSI) + (VOSO/G)
Input Offset, VOSI
250
μV
Average TC
T = −40°C to +85°C
10
μV/°C
Output Offset, VOSO
750
μV
Average TC
T = −40°C to +85°C
10
μV/°C
Offset RTI vs. Supply (PSR)
G = 1
86
dB
G = 10
96
dB
G = 100
96
dB
G = 1000
96
dB
INPUT CURRENT (PER CHANNEL)
Input Bias Current
25
pA
Over Temperature2
T = −40°C to +85°C
300
pA
Input Offset Current
2
pA
Over Temperature2
T = −40°C to +85°C
5
pA
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.06
%
G = 10
0.3
%
G = 100
0.3
%
G = 1000
0.3
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 10 kΩ
10
15
ppm
G = 10
RL = 10 kΩ
5
10
ppm
G = 100
RL = 10 kΩ
30
60
ppm
Rev. PrB | Page 3 of 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4004-41.8 nV/root Hz 36 V Precision Quad Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8500Micropower Precision CMOS Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
MHW9188ANGallium Arsenide CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
AD518LOW-COST HIGH-SPEED IC OPERATIONAL AMPLIFIER 1 2 Analog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl