Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8382ACP Datasheet(PDF) 3 Page - Analog Devices

Part # AD8382ACP
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382ACP Datasheet(HTML) 3 Page - Analog Devices

  AD8382ACP Datasheet HTML 1Page - Analog Devices AD8382ACP Datasheet HTML 2Page - Analog Devices AD8382ACP Datasheet HTML 3Page - Analog Devices AD8382ACP Datasheet HTML 4Page - Analog Devices AD8382ACP Datasheet HTML 5Page - Analog Devices AD8382ACP Datasheet HTML 6Page - Analog Devices AD8382ACP Datasheet HTML 7Page - Analog Devices AD8382ACP Datasheet HTML 8Page - Analog Devices AD8382ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8382
Rev. 0 | Page 3 of 24
SPECIFICATIONS
Table 1. @ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TMIN = 0°C, TMAX = 85°C, VREFHI = 9.5 V, VREFLO = V1 = V2 = 7 V, unless
otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE1
TMIN to TMAX
VDE
DAC Code 1500 to 3200
–5
+5
mV
VCME
DAC Code 1500 to 3200
–3.5
+0.5
+3.5
mV
∆V
DAC Code 2048
2.5
7.5
mV
∆V
DAC Code 0 to 4095
4
15
mV
VIDEO OUTPUT DYNAMIC PERFORMANCE
TC, MIN to TC, MAX,
VO = 5 V Step, CL = 200 pF
Data Switching Slew Rate
20% to 80%
390
V/
µs
Invert Switching Slew Rate
20% to 80%
530
V/
µs
Data Switching Settling Time to 1%
22
27
ns
Data Switching Settling Time to 0.25%
33
50
ns
Invert Switching Settling Time to 1%
34
100
ns
Invert Switching Settling Time to 0.25%
130
300
ns
Invert Switch Overshoot
100
200
mV
CLK and Data Feedthrough2
10
mV p-p
All-Hostile Crosstalk3
Amplitude
40
mV p-p
Duration
30
ns
DAC Transition Glitch Energy
Code 2047 to Code 2048
0.3
nV-s
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC – VOH, VOL– AGND
1.1
1.3
V
CLK to VID Delay: t94
50% of VIDx
10
12
14
ns
INV to VID Delay: t10
50% of VIDx
10.4
12.4
14.4
ns
Output Current
100
mA
Output Resistance
22
RESOLUTION
Coding
Binary
12
Bits
DIGITAL INPUT CHARACTERISTICS
Input tr, tf = 2 ns (10% to 90%)
Max. Input Data Update Rate
120
Ms/s
Data Setup Time: t1
0
ns
STSQ Setup Time: t3
1
ns
XFR Setup Time: t5
1
ns
Data Hold Time: t2
3
ns
STSQ Hold Time: t4
3
ns
XFR Hold Time: t6
3
ns
CLK High Time: t7
3
ns
CLK Low Time: t8
2.5
ns
CIN
3
pF
IIH
0.05
µA
IIL—All Inputs except CLK
0.6
µA
IIL—CLK
1.2
µA
VIH
2
V
VIL
0.8
V
VTH
1.6
V


Similar Part No. - AD8382ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
More results

Similar Description - AD8382ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com