Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9233 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9233 Datasheet HTML 2Page - Analog Devices AD9233 Datasheet HTML 3Page - Analog Devices AD9233 Datasheet HTML 4Page - Analog Devices AD9233 Datasheet HTML 5Page - Analog Devices AD9233 Datasheet HTML 6Page - Analog Devices AD9233 Datasheet HTML 7Page - Analog Devices AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices AD9233 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9233
Rev. A | Page 6 of 44
DIGITAL SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS enabled, unless otherwise noted.
Table 3.
AD9233BCPZ-80/105/125
Parameter
Temp
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
V
Differential Input Voltage
Full
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
V
Input Common-Mode Range
Full
1.1
AVDD
V
High Level Input Voltage (VIH)
Full
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
V
High Level Input Current (IIH)
Full
−10
+10
μA
Low Level Input Current (IIL)
Full
−10
+10
μA
Input Resistance
Full
8
10
12
Input Capacitance
Full
4
pF
LOGIC INPUTS (SCLK/DFS, OE, PWDN)
High Level Input Voltage (VIH)
Full
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
V
High Level Input Current (IIH)
Full
−50
−75
μA
Low Level Input Current (IIL)
Full
−10
+10
μA
Input Resistance
Full
30
Input Capacitance
Full
2
pF
LOGIC INPUTS (CSB)
High Level Input Voltage (VIH)
Full
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
V
High Level Input Current (IIH)
Full
−10
+10
μA
Low Level Input Current (IIL)
Full
+40
+135
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO/DCS)
High Level Input Voltage (VIH)
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage (VIL)
Full
0
0.8
V
High Level Input Current (IIH)
Full
−10
+10
μA
Low Level Input Current (IIL)
Full
+40
+130
μA
Input Resistance
Full
26
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
DRVDD = 3.3 V
High Level Output Voltage (VOH, IOH = 50 μA)
Full
3.29
V
High Level Output Voltage (VOH, IOH = 0.5 mA)
Full
3.25
V
Low Level Output Voltage (VOL, IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (VOL, IOL = 50 μA)
Full
0.05
V
DRVDD = 1.8 V
High Level Output Voltage (VOH, IOH = 50 μA)
Full
1.79
V
High Level Output Voltage (VOH, IOH = 0.5 mA)
Full
1.75
V
Low Level Output Voltage (VOL, IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (VOL, IOL = 50 μA)
Full
0.05
V


Similar Part No. - AD9233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9233-105EB AD-AD9233-105EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9233-105EB AD-AD9233-105EB Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9233-125EB AD-AD9233-125EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9233-125EB AD-AD9233-125EB Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com