Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9233 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9233 Datasheet HTML 6Page - Analog Devices AD9233 Datasheet HTML 7Page - Analog Devices AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices AD9233 Datasheet HTML 10Page - Analog Devices AD9233 Datasheet HTML 11Page - Analog Devices AD9233 Datasheet HTML 12Page - Analog Devices AD9233 Datasheet HTML 13Page - Analog Devices AD9233 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9233
Rev. A | Page 10 of 44
EQUIVALENT CIRCUITS
VIN
Figure 4. Equivalent Analog Input Circuit
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 5. Equivalent Clock Input Circuit
SDIO/DCS
1kΩ
DRVDD
Figure 6. Equivalent SDIO/DCS Input Circuit
DRVDD
DRGND
Figure 7. Equivalent Digital Output Circuit
SCLK/DFS
OEB
PDWN
1k
30k
Figure 8. Equivalent SCLK/DFS, OEB, PDWN Input Circuit
CSB
1k
26k
AVDD
Figure 9. Equivalent CSB Input Circuit
SENSE
1kΩ
Figure 10. Equivalent SENSE Circuit
VREF
6kΩ
AVDD
Figure 11. Equivalent VREF Circuit


Similar Part No. - AD9233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9233-105EB AD-AD9233-105EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9233-105EB AD-AD9233-105EB Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9233-125EB AD-AD9233-125EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9233-125EB AD-AD9233-125EB Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com