Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9707-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9707-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9707-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9707-EB Datasheet HTML 2Page - Analog Devices AD9707-EB Datasheet HTML 3Page - Analog Devices AD9707-EB Datasheet HTML 4Page - Analog Devices AD9707-EB Datasheet HTML 5Page - Analog Devices AD9707-EB Datasheet HTML 6Page - Analog Devices AD9707-EB Datasheet HTML 7Page - Analog Devices AD9707-EB Datasheet HTML 8Page - Analog Devices AD9707-EB Datasheet HTML 9Page - Analog Devices AD9707-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 6 of 52
DIGITAL SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
Table 3.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS1
Logic 1 Voltage
2.1
3
2.1
3
2.1
3
2.1
3
V
Logic 0 Voltage
0
0.9
0
0.9
0
0.9
0
0.9
V
Logic 1 Current
−10
+10
−10
+10
−10
+10
−10
+10
μA
Logic 0 Current
10
10
10
10
μA
Input Capacitance
5
5
5
5
pF
Input Setup Time (tS)
1.3
1.3
1.3
1.3
ns
Input Hold Time (tH)
0.7
0.7
0.7
0.7
ns
Latch Pulsewidth (tLPW)
2.8
2.8
2.8
2.8
ns
CLK INPUTS2
Input Voltage Range
0
3
0
3
0
3
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
V
1 Includes CLK+ pin in single-ended clock input mode.
2 Applicable to CLK+ input and CLK– input when configured for differential clock input mode.


Similar Part No. - AD9707-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9707-DPG2-EBZ AD-AD9707-DPG2-EBZ Datasheet
1Mb / 42P
   Digital-to-Analog Converters
More results

Similar Description - AD9707-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
   14/12/10-Bit, 1200 MSPS D/A Converters
Rev. PrJ 9/7/2004
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com