Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4310-1ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4310-1ACPZ-R2
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4310-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4310-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4310-1
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
10-Lead MINI_SO_EP
12 V
16-Lead LFCSP_VQ
±6V
Power Dissipation
(TJMAX − TA)/θJA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for device soldered in circuit board for surface-mount
packages.
Table 3.
Package Type
θJA
Unit
10-Lead MINI_SO_EP
44
°C/W
16-Lead LFCSP_VQ
63
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4310-1 is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the amplifiers. Exceeding a junction temperature of
150°C for an extended period can result in changes in silicon
devices, potentially causing degradation or loss of functionality.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 10-lead
MINI_SO_EP (44°C/W) and for the 16-lead LFCSP_VQ
(63°C/W) on a JEDEC standard 4-layer board. θJA values are
approximations.
AMBIENT TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–35
–15
5
25
45
65
85
LFCSP_VQ-16
MINI_SO_EP-10
Figure 4. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADA4310-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4310-1ACPZ-R2 AD-ADA4310-1ACPZ-R2 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
More results

Similar Description - ADA4310-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
AD8398 AD-AD8398_15 Datasheet
95Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
AD8398 AD-AD8398 Datasheet
86Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
logo
Linear Technology
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com