Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG2120 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AG2120
Description  FULLY FEATURED PSTN INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AG2120 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AG2120 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 9Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 10Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 11Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 12Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
V2.0 October 2002
Advance Data Sheet
© Silver Telecom 2002
Page 9
Ag2120
F U L L Y F E ATUR E D P S TN I N TE RF ACE
7.0
Absolute Maximum Ratings*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Sym
Min
Max
Units
1 DC supply voltage
V
CC
-0.3
6.0
V
2 DC battery voltage present between Tip and Ring (on-hook)
V
TR
300
V
3 Maximum voltage on programmable pin, LSC
-0.3
6.0
V
4 Maximum power dissipation per trunk @ 25
°C
P
TRUNK
0.75
W
5 Maximum power dissipation per module @ 25
°C
P
TOT
3.0
W
6 Maximum loop current
I
LOOP
90
mA
7 Maximum ringing current (for 0.5 second)
I
RING
185
mA
8 Storage Temperature
T
S
-40
+100
OC
*Exceeding the above ratings may cause permanent damage to the product. Functional operation under these conditions is not implied.
Maximum ratings assume free air flow.
8.0
Recommended Operating Conditions*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Symbol
Min
Typ
Max
Units
1
DC supply voltage (+5V operation)
V
CC
4.75
5.0
5.25
V
2
DC supply voltage (+3.3V operation)
V
CC
3.0
3.3
3.6
V
3
DC battery voltage on Tip and Ring
(on-hook)
V
TIP
V
RING
0
0
0
-48
-120
-120
V
V
4
DC loop current
I
LOOP
025
85
mA
5
Operating Temperature
T
OP
025
70
OC
*Typical figures are at 25
°C with nominal +5V supplies and are for design use only.


Similar Part No. - AG2120

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2120D SILVERTEL-AG2120D Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2120S SILVERTEL-AG2120S Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
More results

Similar Description - AG2120

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
   Fully Featured Signal Set
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
Analog Devices
UG-1042 AD-UG-1042 Datasheet
2Mb / 24P
   Fully featured evaluation board for 10-lead precision
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
logo
Analog Devices
AD28MSP01 AD-AD28MSP01 Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com