Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4237B-KQ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4237B-KQ
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B-KQ Datasheet(HTML) 5 Page - Cirrus Logic

  CS4237B-KQ Datasheet HTML 1Page - Cirrus Logic CS4237B-KQ Datasheet HTML 2Page - Cirrus Logic CS4237B-KQ Datasheet HTML 3Page - Cirrus Logic CS4237B-KQ Datasheet HTML 4Page - Cirrus Logic CS4237B-KQ Datasheet HTML 5Page - Cirrus Logic CS4237B-KQ Datasheet HTML 6Page - Cirrus Logic CS4237B-KQ Datasheet HTML 7Page - Cirrus Logic CS4237B-KQ Datasheet HTML 8Page - Cirrus Logic CS4237B-KQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
RECOMMENDED OPERATING CONDITIONS (AGND, DGND, SGND = 0V,
all voltages with respect to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
(Note 5)
Digital Filtered
Analog
VD1
VDF1-VDF4
VA
4.75
3.0
4.75
4.75
5.0
3.3
5.0
5.0
5.25
3.6
5.25
5.25
V
V
V
V
Operating Ambient Temperature
TA
025
70
°C
Note
5. When VD1 is powered from 3.3 Volts, all ISA bus input pins, except DRQA, must also be 3.3 Volts.
DRQA is internally powered from the VDF supply and must have a 5 Volt interface. To use DRQA in
a 3.3 Volt application, a level translator is needed.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND, SGND = 0V, all voltages with respect to 0V.)
Parameter
Symbol
Min
Max
Units
Power Supplies:
Digital
Analog
VD1
VDF1-VDF4
VA
-0.3
-0.3
-0.3
6.0
6.0
6.0
V
V
V
Total Power Dissipation
(Supplies, Inputs, Outputs)
-
1
W
Input Current per Pin
(Except Supply Pins)
-10.0
+10.0
mA
Output Current per Pin
(Except Supply Pins)
-50
+50
mA
Analog Input Voltage
-0.3
VA+0.3
V
Digital Input Voltage:
SA<11:0>, IOR, IOW, AEN
SD<7:0>, DACK<A:C>
All other digital inputs
-0.3
-0.3
VD1+0.3
VDF+0.3
V
V
Ambient Temperature
(Power Applied)
-55
+125
°C
Storage Temperature
-65
+150
°C
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
MIXERS (TA = 25 °C; VA, VD1, VDF1-VDF4 = +5V; Input Levels: Logic 0 = 0V, Logic 1 = VD1;
1 kHz Input Sine wave, Measurement Bandwidth is 20 Hz to 20 kHz - unweighted.)
CS4237B-JQ
CS4237B-KQ
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Mixer Gain Range Span
LINE, AUX1, AUX2
MIC, MIN
Hardware Master
(Digital)
Wavetable, Monitor, PC Wave, DSP, FM
-
-
-
-
-
-
-
-
-
-
-
-
45
42
44
90
46.5
45
48
94.4
-
-
-
-
dB
dB
dB
dB
Step Size
MIC, LINE, AUX1, AUX2
MIN
Hardware Master
(Digital)
Wavetable, Monitor, PC Wave, DSP, FM
-
-
-
-
-
-
-
-
-
-
-
-
1.3
2.3
1.6
0.9
1.5
3.0
2.0
1.5
1.7
3.7
2.4
2.0
dB
dB
dB
dB
Dynamic Range
-Total
(Analog Mixers)
-Instantaneous
-
-
-
88
-
-
-
-
94.5
91
-
-
dB
dB
Total Harmonic Distortion
(Note 3)
(Analog Mixers)
-
0.005
-
-
0.002
-
dB
DS213PP4
CS4237B
5


Similar Part No. - CS4237B-KQ

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B-KQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com