Part Name
         Description
KB814

 GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES ( 8 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 6 page
background image
PHOTOCOUPLER
KB814
SPEC NO: DSAD1533
REV NO: V.3
DATE: JUN/19/2003
PAGE: 6 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.H.LI
Cycle
One cycle allowed to be dipped in solder including plastic nold portion.
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
even if the voltage is within the absolute maximum ratings.
Be aware that power is suddenly into the component any surge current may cause damage happen,
2.Cautions regarding noise
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
(2) Cautions
Fluxes
Flux
Voltage vs. Forward Current
260
or below (molten solder temperature)
1.Recommended soldering conditions (Dip soldering)
Less than 10 seconds.
Temperature
(1) Dip soldering
Time
* NOTES ON HANDLING
Fig. 11 Collector-emitter Saturation
°C
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
BC807DSPNP general purpose double transistor 1 2 3 4 5 MoreNXP Semiconductors
BSS76HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Seme LAB
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
AQV212SGU General Use Type SOP Series [1-Channel Form A Type] 1 2 3 Nais(Matsushita Electric Works)
2SA2029M3PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
M180UFGHIGH VOLTAGE RECTIFIER 1 Voltage Multipliers Inc.
2SC5657Horizontal Deflection Transistor Series for TV 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl