Part Name
         Description
KB814

 GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES ( 8 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 1 page
background image
PHOTOCOUPLER
KB814
SPEC NO: DSAD1533
REV NO: V.3
DATE: JUN/19/2003
PAGE: 1 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.H.LI
5. Approved by VDE 0884 Teil2(NO:40006364)
(Creepage distance between input and output:7mm or more)
4.Recognized by UL and CUL, file NO. E225308
DESCRIPTION
1.The KB814(1-channel) is optically coupled isolators containing two GaAs light emitting
diode and an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
APPLICATIONS
1.Computer terminals.
2.Registers, copiers, automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.
FEATURES
2.High isolation voltage between input and output (Viso=5000 Vr.m.s)
3.Compact dual-in-line package
KB814:1-channel type
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
PHOTOCOUPLER SERIES
1.AC Input
3. High isolation voltage between input and output (Viso=5000 Vrms)
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
BC807DSPNP general purpose double transistor 1 2 3 4 5 MoreNXP Semiconductors
BSS76HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Seme LAB
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
AQV212SGU General Use Type SOP Series [1-Channel Form A Type] 1 2 3 Nais(Matsushita Electric Works)
2SA2029M3PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
M180UFGHIGH VOLTAGE RECTIFIER 1 Voltage Multipliers Inc.
2SC5657Horizontal Deflection Transistor Series for TV 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl