Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC230WX3 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LC230WX3
Description  Liquid Crystal Display (23.0Inch WXGA TFT LCD)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC230WX3 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LC230WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Product Specification
10 / 28
LC230WX3
Liquid Crystal Display
Ver.1.0
Nov.22, 2005
Table 6. REQUIRED SIGNAL ASSIGNMENT FOR LVDS TRANSMITTER ( Pin9=“H” )
RED0
RED1
RED2
RED3
RED4
RED5
RED6
RED7
GREEN0
GREEN1
GREEN2
GREEN3
GREEN4
GREEN5
GREEN6
GREEN7
BLUE0
BLUE1
BLUE2
BLUE3
BLUE4
BLUE5
BLUE6
BLUE7
Hsync
Vsync
Data Enable
CLOCK
Host System
24 Bit
TxOUT0-
TxOUT0+
TxOUT1-
TxOUT1+
TxOUT2-
TxOUT2+
TxCLKOUT-
TxCLKOUT+
TxOUT3-
TxOUT3+
DS90C385
or Compatible
12
13
15
16
18
19
21
22
24
25
9
30
RxIN0-
RxIN0+
RxIN1-
RxIN1+
RxIN2-
RxIN2+
RxCLKIN-
RxCLKIN+
RxIN3-
RxIN3+
LG /
DISM
LCD Test
100Ω
100Ω
100Ω
100Ω
100Ω
48
47
46
45
42
41
40
39
38
37
FI-X30SSL-HF
Timing
Controller
LCD Module
50
2
51
52
54
55
56
3
8
10
4
6
7
11
12
14
16
18
15
19
20
22
23
24
27
28
30
31
Note: 1. The LCD Module uses a 100 Ohm[Ω] resistor between positive and negative lines of each receiver
input.
2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (DS90C385 or Compatible)
3. ‘7’ means MSB and ‘0’ means LSB at R,G,B pixel data.


Similar Part No. - LC230WX3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC230Z SEOUL-LC230Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC230WX3

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
   Liquid Crystal Display WSXGA TFT LCD
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
LG Semicon Co.,Ltd.
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
   26.0??WXGA TFT LCD
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
   15.4 WXGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
   42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
   14.1??WXGA TFT LCD
logo
Hantronix,Inc
HDA1010WPT-S-WV HANTRONIX-HDA1010WPT-S-WV Datasheet
3Mb / 27P
   10.1, TFT WXGA (1280X800) COLOR LCD DISPLAY MODULE
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com