Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC230WX3 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LC230WX3
Description  Liquid Crystal Display (23.0Inch WXGA TFT LCD)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC230WX3 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LC230WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC230WX3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Product Specification
11 / 28
LC230WX3
Liquid Crystal Display
Ver.1.0
Nov.22, 2005
- Inverter Connector : S14B-PH-SM3 Side entry type (manufactured by JST).
- Mating Connector : PHR-14 or Equivalent
Table 7. INVERTER CONNECTOR PIN CONFIGULATION
3-2-2. Backlight Inverter
Note :
1. GND is connected to the LCD module’s metal frame.
PCB
1
2
3
14
13
12
JST S14B-PH-SM3
(JST : Japan Solderless Terminal Co.,Ltd.)
Pin
Symbol
Signal assignment
Note
1VBL
24V Power Input
1
11
VBR-A
Analog dimming
0V(min) ~ 3.3V(max)
12
ON / OFF
Backlight ON/OFF control
ON : 2.4 ~ 5.0V
OFF : 0.0 ~ 0.6V
2VBL
24V Power Input
3VBL
24V Power Input
Rising edge : Lamp on
Falling edge : Lamp off
Normal : 0V
Abnormal : External pull-up
VBL
VBL
GND
GND
GND
GND
GND
4
EXTVBR-B
24V Power Input
524V Power Input
GROUND
GROUND
GROUND
GROUND
GROUND
Error out
6
7
8
9
10
External PWM signal
13
Backlight status output
14


Similar Part No. - LC230WX3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC230Z SEOUL-LC230Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC230WX3

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
   Liquid Crystal Display WSXGA TFT LCD
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
LG Semicon Co.,Ltd.
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
   26.0??WXGA TFT LCD
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
   15.4 WXGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
   42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
   14.1??WXGA TFT LCD
logo
Hantronix,Inc
HDA1010WPT-S-WV HANTRONIX-HDA1010WPT-S-WV Datasheet
3Mb / 27P
   10.1, TFT WXGA (1280X800) COLOR LCD DISPLAY MODULE
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com