Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5079EUD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5079EUD
Description  ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5079EUD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5079EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 9Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 10Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 11Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 12Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 13Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 14Page - Maxim Integrated Products MAX5079EUD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ORing MOSFET Controller with
Ultra-Fast 200ns Turn-Off
______________________________________________________________________________________
11
c. During the hot insertion, a voltage spike can occur
at N1 and N2 and cause the (VOUT1 to VBUS) or
(VOUT2 to VBUS) voltage to go negative. If the
reverse voltage is below the fast-comparator
reverse voltage threshold (VFTH) but above the
programmed slow-comparator reverse voltage
threshold (VSTH), the spike is ignored for the pro-
grammed blanking time (tSTH). If the spike is
longer than 50ns (the fast-comparator internal
blanking time, tFBL) and larger than VFTH, then U1
and U2 will turn off N1 and N2 quickly. If the mag-
nitude of the voltage spike is above VSTH but less
than VFTH, and longer than the slow-comparator
blanking time (tSTH), U1 and U2 will turn off their
respective ORing MOSFETs (N1 and N2) by dis-
charging their GATE pins to PGND. The external
load-sharing circuit of PS1 and PS2 will force
VOUT1, VOUT2 above VBUS and N1, N2 will turn
back on through the 2mA current sourcing from
the GATE pins of U1 and U2. To avoid this situa-
tion the user can set the slow-comparator thresh-
old and blanking time depending on the
magnitude and duration of the voltage spikes.
d. PS3 fails to start. VUVLO (U3) threshold is not
crossed and U3 keeps N3 off.
e. PS3 goes into an overvoltage condition (no feed-
back). This causes VBUS to go into an overvoltage
condition increasing the loading on PS3 (provided
PS3 is able to supply all the required BUS cur-
rent). The current-sharing circuit will force the out-
puts of PS1 and PS2 to increase and eventually
saturate at their current-sharing voltage range.
Eventually only PS3 will have a positive voltage at
IN (U3) with respect to BUS. PS1 and PS2 will
have a negative voltage at VOUT1 and VOUT2 with
respect to BUS. All overvoltage inputs OVI (U1),
OVI (U2), and OVI (U3) sense the overvoltage, but
only OVP (U3) is asserted and latched low. GATE
(U3) is pulled to PGND and remains low as long
as VOVI
≥ 0.6V. When VOVI drops below 0.6V,
OVP remains low. However, U3 tries to turn on N3
unless VOUT3 is actively kept below the undervolt-
age lockout. Use OVP (U3) to either drive the
cathode of the optocoupler to shutdown PS3 from
the primary side or use OVP (U3) to fire an SCR
connected between VOUT3 and PGND.
3) PS1, PS2, PS3 are turned on with a shorted BUS.
Body diodes of N1, N2, and N3 conduct and short the
outputs of PS1, PS2, and PS3 to PGND. The power
supplies go into current limit (either in foldback or in
hiccup mode). The MAX5079s remain in undervoltage
lockout and keep all ORing MOSFETs off. The average
current sourced by PS1, PS2, or PS3 must be low
enough so as not to exceed the MOSFETs power dissi-
pation (PD = VF x ISHORT).
a. Use additional n-channel MOSFETs in series with
N1, N2, and N3 in the reverse direction to isolate
the power supplies from a shorted bus (Figure 3).
When power is turned on with a shorted bus, VIN_
(U1, U2, U3) increases and VUVLO rises above
the UVLO threshold. The MAX5079’s GATE out-
puts start charging the back-to-back ORing
MOSFET gates. The short-circuit condition at BUS
collapses VIN (U1), VIN (U2), and VIN (U3) send-
ing the MAX5079s into undervoltage lockout. This
turns off the MAX5079s entirely, including dis-
charging of the charge-pump storage capacitors.
The IN voltages come back up again crossing
UVLO (UVLO has 60mV hysteresis). A new cycle
starts and the time required to charge the charge-
pump capacitor and the turn-on time of the device
serves as a dead time. However, the dead time
may not be enough to reduce the dissipation in
the MOSFETs to an acceptable level. We advise
in keeping the short-circuit current low and pro-
viding hiccup current-limit protection to the power
supplies (PS1, PS2, and PS3).
b. Any other overload condition that would sustain the
IN voltage above UVLO, will keep the MOSFETs ON
continuously. Ensure the MOSFETs’ current
rating is higher than the maximum short-circuit
source current of the power supplies (PS1, PS2,
and PS3) to avoid damage to the ORing MOSFETs.
4) PS1, PS2, and PS3 are present and PS1 is short-
ed to GND.
VOUT1 drops below VBUS. The negative potential from
VIN (U1) to VBUS increases above the fast-comparator
threshold and lasts longer than the 50ns blanking time.
The MAX5079 (U1) takes its power from the voltage at
BUS (U1). Connect BUS close to CBUS, away from N1
so that U1 can receive power from BUS for a few
microseconds until N1 isolates BUS from IN. N1 is dis-
charged with 2A pulldown current, turning off N1 and
isolating PS1 from the BUS. The load-sharing circuit of
PS2 and PS3 will increase PS2 and PS3’s load current
until the total bus current requirement is satisfied.
For VIN (U1) < 2.75V, VAUXIN (U1) must come from an
independent source or remain on for some time (a few
microseconds) after VIN (U1) has failed. This minimum
on-time is needed to discharge the gate of the ORing
MOSFET and isolate PS1 from the BUS.


Similar Part No. - MAX5079EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079EUD MAXIM-MAX5079EUD Datasheet
298Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 1; 3/09
MAX5079EUD MAXIM-MAX5079EUD Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
More results

Similar Description - MAX5079EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079 MAXIM-MAX5079_V01 Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
MAX5079 MAXIM-MAX5079_09 Datasheet
298Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 1; 3/09
logo
Monolithic Power System...
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
   Fast Turn-off Intelligent Controller
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
   Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
   Fast Turn-off Intelligent Controller
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
   Dual Fast Turn-off Intelligent Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Vishay Siliconix
VOMDA1271 VISHAY-VOMDA1271 Datasheet
1Mb / 9P
   Automotive Photovoltaic MOSFET Driver With Integrated Fast Turn-Off
Rev. 1.0, 17-Apr-2023
logo
SEMPO ELECTRONIC Limite...
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
   Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
   Fast Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com