Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSR57 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSR57
Description  N-channel FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR57 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSR57 Datasheet HTML 1Page - NXP Semiconductors BSR57 Datasheet HTML 2Page - NXP Semiconductors BSR57 Datasheet HTML 3Page - NXP Semiconductors BSR57 Datasheet HTML 4Page - NXP Semiconductors BSR57 Datasheet HTML 5Page - NXP Semiconductors BSR57 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
April 1991
5
Philips Semiconductors
Product specification
N-channel FETs
BSR56; BSR57; BSR58
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BSR57

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
BSR57 NSC-BSR57 Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
Fairchild Semiconductor
BSR57 FAIRCHILD-BSR57 Datasheet
45Kb / 3P
   N-Channel Low-Frequency Low-Noise Amplifier
logo
NXP Semiconductors
BSR57 NXP-BSR57 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BSR57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
logo
New Jersey Semi-Conduct...
MTM55N08 NJSEMI-MTM55N08 Datasheet
93Kb / 1P
   N-CHANNEL TWOS POWER FETs
logo
Shanghai Leiditech Elec...
LM2302 LEIDITECH-LM2302 Datasheet
385Kb / 3P
   N-Channel Enhancement-ModeMOS FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com