Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C51BN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C51BN
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51BN Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C51BN Datasheet HTML 1Page - NXP Semiconductors P89C51BN Datasheet HTML 2Page - NXP Semiconductors P89C51BN Datasheet HTML 3Page - NXP Semiconductors P89C51BN Datasheet HTML 4Page - NXP Semiconductors P89C51BN Datasheet HTML 5Page - NXP Semiconductors P89C51BN Datasheet HTML 6Page - NXP Semiconductors P89C51BN Datasheet HTML 7Page - NXP Semiconductors P89C51BN Datasheet HTML 8Page - NXP Semiconductors P89C51BN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Philips Semiconductors
Product data
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
2
2002 Jan 15
853–2148 27548
DESCRIPTION
The 89C51/89C52/89C54/89C58 contain a non-volatile FLASH
program memory that is parallel programmable. For devices that are
serial programmable (In-System Programmable (ISP) and
In-Application Programmable (IAP) with a boot loader), see the
89C51Rx2 or 89C66x datasheets.
All three families are Single-Chip 8-bit Microcontrollers
manufactured in advanced CMOS process and are derivatives of
the 80C51 microcontroller family. All the devices have the same
instruction set as the 80C51.
SELECTION TABLE FOR FLASH DEVICES
MTP devices
(this data sheet)
ISP/IAP devices
(see separate data sheets)
89C51
89C52/54/58
89C51Rx2
89C66x
ROM/EPROM memory size
4K
8K/16K/32K
16K–64K
16K–64K
RAM size (byte)
128
256
512–1K
512–8K
Parallel programming
yes
yes
yes
yes
In-System Programming (ISP)
no
no
yes
yes
In-Application Programming (IAP)
no
no
yes
yes
PWM
no
no
yes
yes
Programmable Timer/Counter (PCA)
no
no
yes
yes
Hardware Watchdog Timer
no
no
yes
yes
Serial Channels
UART
UART
UART
UART + I2C
MTP = Multi-Time Programming (via parallel programmer)
ISP = In-System Programming (via serial interface)
IAP = In-Application Programming
Please note that the FLASH programming algorithm for these parts has been modified. Please see the Device Comparison table for details.
DEVICE COMPARISON TABLE
Item
Old devices
New devices
Reason for change
Type description
P89C5xUBxx / P89C5xUFxx
P89C5xBx
Letter U dropped for shorter type
descriptions (formerly designated
speed (0–33 MHz))
Programming algorithm
When using parallel programmer,
be sure to select P89C5xUxxx
devices
When using a parallel program-
mer, be sure to select P89C5xBx
devices (no more letter U). IF
DEVICES ARE NOT YET SE-
LECTABLE, ASK YOUR VEN-
DOR FOR A SOFTWARE UP-
DATE.
Programming algorithm modifica-
tion required by process change!
Quad Flat Package type
PQFP package (P89C5xUxBB)
PQFP package replaced by
LQFP package (P89C5xBBD).
SEE NEW DIMENSIONS AT
THE END OF THIS DATA
SHEET.
Reduction in package height
Package identifiers
PLCC = AA
PQFP = BB
PDIP = PN
PLCC = A
LQFP = BD
PDIP = P
Shorter type descriptions
Flash memory program and
erase cycles
100 program and erase cycles
10,000 program and erase
cycles
Process change allows more pro-
gram and erase cycles
Power consumption
Active mode: ICC(MAX)=
(0.9
FREQ. + 20)mA
Idle mode: ICC(MAX) =
(0.37
FREQ. + 1.0)mA
Active mode: ICC(MAX)=
(0.55
FREQ. + 8.0)mA
Idle mode: ICC(MAX) =
(0.3
FREQ. + 2.0)mA
Process change allows lower
power consumption


Similar Part No. - P89C51BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RA2BA/01 PHILIPS-P89C51RA2BA/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C51RA2BBD/01 PHILIPS-P89C51RA2BBD/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C51RB2 PHILIPS-P89C51RB2 Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RB2BA PHILIPS-P89C51RB2BA Datasheet
289Kb / 52P
   80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
P89C51RB2BA/01 PHILIPS-P89C51RB2BA/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
More results

Similar Description - P89C51BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com