Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY284 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY284
Description  Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY284 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY284 Datasheet HTML 1Page - NXP Semiconductors BGY284 Datasheet HTML 2Page - NXP Semiconductors BGY284 Datasheet HTML 3Page - NXP Semiconductors BGY284 Datasheet HTML 4Page - NXP Semiconductors BGY284 Datasheet HTML 5Page - NXP Semiconductors BGY284 Datasheet HTML 6Page - NXP Semiconductors BGY284 Datasheet HTML 7Page - NXP Semiconductors BGY284 Datasheet HTML 8Page - NXP Semiconductors BGY284 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2003 Aug 20
3
Philips Semiconductors
Preliminary specification
power amplifier with integrated control loop for
GSM850, EGSM900, DCS1800 & PCS1900
BGY284
PINNING - SOT775
Note: VBAT signals (pin numbers 2, 3, 11, 12) are not internally connected and must all be connected to the battery supply
voltage
SYMBOL
PIN NUMBER
PIN TYPE
DESCRIPTION
GND
1, 13, 15
ground
ground
VBAT
2, 3
supply
battery connection of DCS1800/PCS1900
VBAT
11, 12
supply
battery connection of GSM850/EGSM900 line-up
RFin,HB
4
input, analog
DCS1800/PCS1900 transmit RF input
VTXon
5
input, logic
power control enable input
VDAC
6
input, analog
RF power control input
VSTAB
7
supply
stabilized supply voltage
Vband
8
input, logic
LB (GSM850/EGSM900) HB (DCS1800/PCS1900) band
select input
9
not connected
RFin,LB
10
input, analog
GSM850/EGSM900 transmit RF input
RFout,LB
14
output, analog
GSM850/EGSM900 transmit RF output
RFout,HB
16
output, analog
DCS1800/PCS1900 transmit RF output
inner pads
ground
ground
Fig.1 Simplified outline
1
Top view
2
3
4
5
6
7
8
910
11
12
13
14
15
16
VBAT
VBAT
RF
in,LB
N.C.
Vband
V
STAB
V
DAC
VTXon
VBAT
VBAT
RF
in,HB
GND
RF
out,LB
GND
GND
RF
out,HB


Similar Part No. - BGY284

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
   dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
More results

Similar Description - BGY284

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
   GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
California Eastern Labs
NE5500234 CEL-NE5500234 Datasheet
308Kb / 6P
   4.8 V N-CHANNEL SILICON POWER MOS FET POWER AMPLIFIER FOR DCS1800/PCS1900 HANDSETS
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com