Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192P393X9400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 192P393X9400
Description  Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

192P393X9400 Datasheet(HTML) 1 Page - Vishay Siliconix

  192P393X9400 Datasheet HTML 1Page - Vishay Siliconix 192P393X9400 Datasheet HTML 2Page - Vishay Siliconix 192P393X9400 Datasheet HTML 3Page - Vishay Siliconix 192P393X9400 Datasheet HTML 4Page - Vishay Siliconix 192P393X9400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 42024
Revision 13-Nov-03
www.vishay.com
70
Type 192P Pacer
®
Vishay Sprague
For technical questions, contact spresale@vishay.com
Polyester Film/Foil Capacitors
Sleeved, Miniature, Axial Lead
FEATURES
• Axial lead, designed for automatic insertion
• Non-inductively wound, extended foil construction
• Lead wire has metal end cap for connection to extended
foil
• Moisture resistant
• Encased in an orange heat shrinkable polyolefin sleeve
• Available tape and reeled to EIA specifications for
automatic insertion
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C.
Capacitance Range: 0.0001µF to 0.39µF.
Capacitance Tolerance: ± 20%, ± 10%, ± 5%.
Other tolerances available upon request.
DC Voltage Rating: 80 WVDC to 600 WVDC.
Voltage Derating: At + 105°C: 70% of + 85°C rating.
At + 125°C: 50% of + 85°C rating.
Dissipation Factor: 1.0% maximum.
Voltage Test: 200% of rated voltage for 1 minute.
Insulation Resistance:
At + 25°C: 100,000 Megohm minimum.
At + 85°C: 15,000 Megohm minimum.
At + 105°C: 2000 Megohm minimum.
At + 125°C: 200 Megohm minimum.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for 1 minute.
No physical damage.
Lead Bend: After three complete consecutive bends,
no damage.
Marking: Sprague® trademark, Type 192P, voltage,
capacitance, tolerance and date code.
ENVIRONMENTAL CHARACTERISTICS
DC Life Test: 150% of rated voltage for 250 hours @ + 85°C.
No open or short circuits. No visible damage.
Maximum ∆ CAP ± 10%, maximum.
Minimum ∆ IR 50% of initial limit, minimum.
Maximum ∆ DF 1.0%.
Humidity Test: 95% relative humidity @ + 40°C for 500
hours. No visible damage.
Minimum IR = 50% of initial limit.
DIMENSIONS in inches [millimeters]
DISSIPATION
CAPACITANCE CHANGE
- 55
-40
-25
0
+ 25
+ 50
+ 75 + 85 + 105 + 125
- 50
+ 100
TEMPERATURE DEG. CENTIGRADE
1.5
1.0
.5
0
16
14
12
10
8
6
4
2
0
2
4
6
- 55
-40
-25
0
+ 25
+ 50
+ 75 + 85 + 105 + 125
- 50
+ 100
TEMPERATURE DEG. CENTIGRADE
1.250
[31.750]
Min.
L
Max.
1.250
[31.750]
Min.
.032" [0.813] diameter (No. 20 AWG) copper-clad steel leads
except that .025" [.635] diameter (No. 22 AWG) leads will be
supplied on .153" [3.886] and .185" [4.699] diameter units.
D
Max.


Similar Part No. - 192P393X9400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
More results

Similar Description - 192P393X9400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
RFE international
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
MERITEK ELECTRONICS COR...
PEIM MERITEK-PEIM Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
MERITEK ELECTRONICS COR...
MPEM MERITEK-MPEM Datasheet
109Kb / 1P
   Miniature Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com