Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-7102 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HPMX-7102
Description  Dual-Band, Tri-Mode Downconverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-7102 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HPMX-7102 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HPMX-7102 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
HPMX-7102 Characterization Graphs for 800 MHz CDMA
Table 4. Cell CDMA, Gain vs. LO Power and Vcs.
Vcs (V)
LO Power (dBm)
1.4
1.8
2.2
2.5
2.6
3.0
-12
14.9
14.9
14.7
14.5
14.4
13.9
-9
15.5
15.7
15.8
15.8
15.8
15.8
-6
15.8
16.0
16.2
16.3
16.3
16.3
-3
15.8
16.1
16.3
16.4
16.4
16.5
0
15.9
16.1
16.3
16.4
16.5
16.6
3
15.9
16.1
16.3
16.4
16.5
16.5
Table 5. Cell CDMA, IIP3 vs. LO Power and Vcs.
Vcs (V)
LO Power (dBm)
1.4
1.8
2.2
2.5
2.6
3.0
-12
-0.6
1.5
2.5
2.9
3.0
3.2
-9
0
2.8
4.6
5.6
6.1
7.5
-6
0.1
3.5
5.9
7.6
8.5
9.6
-3
0.1
3.8
6.7
8.7
9.6
9.2
0
0.1
3.9
7.1
9.1
9.9
9.2
3
0.1
3.9
7.1
9.2
10.1
8.8
-40
°C
+25
°C
+85
°C
LO POWER (dBm)
Figure 16. Gain vs. LO Power.
20
18
16
14
12
10
-12
3
-6
-9
0
-3
-40
°C
+25
°C
+85
°C
LO POWER (dBm)
Figure 17. IIP3 vs. LO Power.
10
8
6
4
2
0
-12
3
-6
-9
0
-3
-40
°C
+25
°C
+85
°C
LO POWER (dBm)
Figure 18. NF vs. LO Power.
15
13
11
9
7
5
-12
3
-6
-9
0
-3
-40
°C
+25
°C
+85
°C
LO FREQUENCY (MHz)
Figure 19. Gain vs. LO Frequency.
20
18
16
14
12
10
954
978
966
+85
°C
+25
°C
-40
°C
LO FREQUENCY (MHz)
Figure 20. IIP3 vs. LO Frequency.
12
10
8
6
4
2
954
978
966
+85
°C
+25
°C
-40
°C
LO FREQUENCY (MHz)
Figure 21. NF vs. LO Frequency.
15
13
11
9
7
5
954
978
966


Similar Part No. - HPMX-7102

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
HPMX-2006-BLK HP-HPMX-2006-BLK Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
More results

Similar Description - HPMX-7102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
WJ Communication. Inc.
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com