Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMU17JC-35 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HMU17JC-35
Description  16 x 16-Bit CMOS Parallel Multipliers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU17JC-35 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HMU17JC-35 Datasheet HTML 5Page - Intersil Corporation HMU17JC-35 Datasheet HTML 6Page - Intersil Corporation HMU17JC-35 Datasheet HTML 7Page - Intersil Corporation HMU17JC-35 Datasheet HTML 8Page - Intersil Corporation HMU17JC-35 Datasheet HTML 9Page - Intersil Corporation HMU17JC-35 Datasheet HTML 10Page - Intersil Corporation HMU17JC-35 Datasheet HTML 11Page - Intersil Corporation HMU17JC-35 Datasheet HTML 12Page - Intersil Corporation HMU17JC-35 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
AC Electrical Specifications
VCC =5.0V ±5%, TA =0
oCto 70oC, Note 6
PARAMETER
SYMBOL
TEST
CONDITIONS
HMU16/HMU17-35
HMU16/HMU17-45
UNITS
MIN
MAX
MIN
MAX
Unclocked Multiply Time
tMUC
-55
-
70
ns
Clocked Multiply Time
tMC
-35
-
45
ns
X, Y, RND Setup Time
tS
15
-
18
-
ns
X, Y, RND Hold Time
tH
2-
2
-
ns
Clock Pulse Width High
tPWH
10
-
15
-
ns
Clock Pulse Width Low
tPWL
10
-
15
-
ns
MSPSEL to Product Out
tPDSEL
-22
-
25
ns
Output Clock to P
tPDP
-22
-
25
ns
Output Clock to Y
tPDY
-22
-
25
ns
Three-State Enable Time
tENA
Note 4
-
22
-
25
ns
Three-State Disable Time
tDIS
-22
-
25
ns
Clock Enable Setup Time
(HMU17 Only)
tSE
15
-
15
-
ns
Clock Enable Hold Time
(HMU17 Only)
tHE
2-
2
-
ns
Clock Low Hold Time CLKXY
Relative to CLKML
(HMU16 Only)
tHCL
Note 5
0
-
0
-
ns
Output Rise Time
tr
From 0.8V to 2.0V
-
8
-
8
ns
Output Fall Time
tf
From 2.0V to 0.8V
-
8
-
8
ns
NOTES:
4. Transition is measured at
±200mV from steady state voltage with loading specified in AC Test Circuit, V1 =1.5V, R1 =500Ω
and C1 =40pF.
5. To ensure the correct product is entered in the output registers, new data may not be entered into the input registers before the output registers
have been clocked.
6. Refer to AC Test Circuit, with V1 =2.4V, R1 =500Ω and C1 = 40pF.
AC Test Circuit
NOTE: Includes Stray and Jig Capacitance.
AC Testing Input, Output Waveforms
NOTE: AC Testing: All parameters tested as per test circuit. Input
rise and fall times are driven at 1ns/V.
DUT
C1 (SEE NOTE)
V1
R1
0.3V
0V
VOH
VOL
1.5V
1.5V
HMU16, HMU17


Similar Part No. - HMU17JC-35

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HMU17JC-35 RENESAS-HMU17JC-35 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results

Similar Description - HMU17JC-35

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Renesas Technology Corp
HMU16 RENESAS-HMU16 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com