Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS51 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSS51
Description  NPN Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS51 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSS51 Datasheet HTML 1Page - NXP Semiconductors BSS51 Datasheet HTML 2Page - NXP Semiconductors BSS51 Datasheet HTML 3Page - NXP Semiconductors BSS51 Datasheet HTML 4Page - NXP Semiconductors BSS51 Datasheet HTML 5Page - NXP Semiconductors BSS51 Datasheet HTML 6Page - NXP Semiconductors BSS51 Datasheet HTML 7Page - NXP Semiconductors BSS51 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN Darlington transistors
BSS50; BSS51; BSS52
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BSS50
60
V
BSS51
80
V
BSS52
90
V
VCES
collector-emitter voltage
VBE =0
BSS50
45
V
BSS51
60
V
BSS52
80
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
1A
ICM
peak collector current
2A
IB
base current (DC)
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
0.8
W
Tcase ≤ 25 °C
5W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
220
K/W
Rth j-c
thermal resistance from junction to case
35
K/W


Similar Part No. - BSS51

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BSS51 CENTRAL-BSS51 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BSS51 NJSEMI-BSS51 Datasheet
228Kb / 4P
   NPN Darlington transistors
logo
Rohm
BSS5130 ROHM-BSS5130 Datasheet
1Mb / 10P
   General purpose amplification (-30V, -1A)
logo
Comset Semiconductor
BSS51A COMSET-BSS51A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BSS51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
NXP Semiconductors
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com