Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILD1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILD1 Datasheet HTML 1Page - Vishay Siliconix ILD1 Datasheet HTML 2Page - Vishay Siliconix ILD1 Datasheet HTML 3Page - Vishay Siliconix ILD1 Datasheet HTML 4Page - Vishay Siliconix ILD1 Datasheet HTML 5Page - Vishay Siliconix ILD1 Datasheet HTML 6Page - Vishay Siliconix ILD1 Datasheet HTML 7Page - Vishay Siliconix ILD1 Datasheet HTML 8Page - Vishay Siliconix ILD1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ILD1/ 2/ 5 / ILQ1/ 2/ 5
Document Number 83646
Rev. 1.4, 05-Nov-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance, junction to
lead
TthJL
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector-emitter leakage
current
VVCE = 10 V
ICEO
5.0
50
nA
Saturation voltage, collector-
emitter
ICE = 1.0 mA, IB = 20 µAVCESAT
0.25
0.4
V
DC forward current gain
VCE = 10 V, IB = 20 µA
HFE
200
650
1800
DC forward current gain
saturated
VCE = 0.4 V, IB = 20 µAHFEsat
120
400
600
Thermal resistance, junction to
lead
Rthjl
500
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VIO = 0 V, f = 1.0 MHz
CIO
0.8
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
(collector-emitter saturated)
IF = 10 mA, VCE = 0.4 V
ILD1
ILQ1
CTRCEsat
75
%
ILD2
ILQ2
CTRCEsat
170
%
ILD5
ILQ5
CTRCEsat
100
%
Current Transfer Ratio
(collector-emitter)
IF = 10 mA, VCE = 10 V
ILD1
ILQ1
CTRCE
20
80
300
%
ILD2
ILQ2
CTRCE
100
200
500
%
ILD5
ILQ5
CTRCE
50
130
400
%


Similar Part No. - ILD1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
67Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
174Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
logo
ISOCOM COMPONENTS
ILD1 ISOCOM-ILD1 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
More results

Similar Description - ILD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com