Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD1-X009 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILD1-X009
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1-X009 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILD1-X009 Datasheet HTML 1Page - Vishay Siliconix ILD1-X009 Datasheet HTML 2Page - Vishay Siliconix ILD1-X009 Datasheet HTML 3Page - Vishay Siliconix ILD1-X009 Datasheet HTML 4Page - Vishay Siliconix ILD1-X009 Datasheet HTML 5Page - Vishay Siliconix ILD1-X009 Datasheet HTML 6Page - Vishay Siliconix ILD1-X009 Datasheet HTML 7Page - Vishay Siliconix ILD1-X009 Datasheet HTML 8Page - Vishay Siliconix ILD1-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83646
Rev. 1.4, 05-Nov-04
ILD1/ 2/ 5 / ILQ1/ 2/ 5
Vishay Semiconductors
Typical Switching Times
Non-saturated Switching Timing
Saturated Switching Timing
Common Mode Transient Immunity
Parameter
Current
Delay
Rise time
Storage
Fall time
Propagation
H-L
Propagation
L-H
Test condition
VCE = 5.0 V, RL = 75 Ω, 50 % of VPP
Symbol
IF
tD
tr
tS
tf
tPHL
tPLH
Unit
mA
µs
µs
µs
µs
µs
µs
ILD1
ILQ1
20
0.8
1.9
0.2
1.4
0.7
1.4
ILD2
ILQ2
5.0
1.7
2.6
0.4
2.2
1.2
2.3
ILD5
ILQ5
10
1.7
2.6
0.4
2.2
1.1
2.5
Parameter
Current
Delay
Rise time
Storage
Fall time
Propagation
H-L
Propagation
L-H
Test condition
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
Symbol
IF
tD
tr
tS
tf
tPHL
tPLH
Unit
mA
µs
µs
µs
µs
µs
µs
ILD1
ILQ1
20
0.8
1.2
7.4
7.6
1.6
8.6
ILD2
ILQ2
5.0
1.0
2.0
5.4
13.5
5.4
7.4
ILD5
ILQ5
10
1.7
7.0
4.6
20
2.6
7.2
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode rejection,
output high
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 0 mA
CMH
5000
V/
µs
Common mode rejection,
output low
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 10 mA
CML
5000
V/
µs
Common mode coupling
capacitance
CCM
0.01
pF


Similar Part No. - ILD1-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
More results

Similar Description - ILD1-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com