Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKD4A221MDU Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKD4A221MDU
Description  High Voltage Ceramic Disc Capacitors, Rated 4 to 15 kVDC, Temp. Char. Y5T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKD4A221MDU Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKD4A221MDU Datasheet HTML 1Page - Panasonic Semiconductor ECKD4A221MDU Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.
High Voltage Ceramic Disc
Capacitors,
Rated 4 to 15 kVDC,
Temp. Char. Y5T
Series:
MDU
s
Features
q
Wide products range of 4 to 15 kVDC
q
Voltage stable type dielectric materials applied for
high voltage application
q
Flame-retardant insulating coating applied
12345678
9
10
11
12
E
CK
D
4
A
1
0
2
M
DU
Product Code
Style
Rated Voltage
Nominal Capacitance
Temp.
Char.
Suffix
(Examples)
s
Explanation of Part Numbers
s
Specifications
Characteristics
Specifications
Operating
Ð25 to 85 ûC
Temperature Range
Rated Voltage
4 kVDC to 15 kVDC
Dielectric With-
150 % of the rated voltage for
standing VoltageV
1 to 5 seconds
Capacitance
Within tolerance, when measured at
1 kHz±20 %, 1 to 5 Vrms, and 20 ûC
Dissipation Factor
0.025 max. at 1 kHz±20 %,
(tan d)
1 to 5 Vrms, and 20 ûC
Insulation
10000 MΩ min. at 500 VDC and
Resistance
1 minute electrification
Temperature
Capacitance Change: +20, Ð30 %
Characteristics
max. over the temperature range
of Ð25 to 85 ûC
V
Dielectric Withstanding Voltage test for the rated voltage of
6 kVDC and above shall be conducted in insulating oil.
Cap.
Tol.
Ceramic Disc Capacitors (High Voltage)
s
Precautions for Handling
See Page 84 to 86
s
Packaging Informations
See Page 87 to 88
s
Recommended Applications
q
High voltage power supply
q
High voltage circuit of TV and CRT display
q
High voltage DC circuit


Similar Part No. - ECKD4A221MDU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKD3A101KBP PANASONIC-ECKD3A101KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3A101KBP PANASONIC-ECKD3A101KBP Datasheet
51Kb / 3P
   High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
ECKD3A101KBP PANASONIC-ECKD3A101KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3A101KBP PANASONIC-ECKD3A101KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3A102KBP PANASONIC-ECKD3A102KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
More results

Similar Description - ECKD4A221MDU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-D3A472KBP PANASONIC-ECK-D3A472KBP Datasheet
51Kb / 3P
   High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
logo
Vishay Siliconix
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
Revision: 19-Jan-17
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com