Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2W271HJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETUQ2W271HJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2W271HJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETUQ2W271HJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2W271HJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 EE167 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
10000
35
25
5.0
0.30
EETUQ1H103LJ
200
12000
25
45
5.6
0.30
EETUQ1H123JJ
200
30
35
5.6
0.30
EETUQ1H123KJ
100
35
30
5.6
0.30
EETUQ1H123LJ
200
50
15000
30
40
6.4
0.30
EETUQ1H153KJ
100
35
35
6.4
0.30
EETUQ1H153LJ
100
18000
30
45
6.9
0.30
EETUQ1H183KJ
100
35
40
6.9
0.30
EETUQ1H183LJ
100
22000
35
45
7.6
0.30
EETUQ1H223LJ
100
27000
35
50
8.3
0.30
EETUQ1H273LJ
100
2200
22
25
2.5
0.30
EETUQ1J222HJ
200
2700
22
30
3.7
0.30
EETUQ1J272HJ
200
3300
22
30
4.1
0.30
EETUQ1J332HJ
200
25
25
4.1
0.30
EETUQ1J332JJ
200
3900
22
35
4.4
0.30
EETUQ1J392HJ
200
25
30
4.4
0.30
EETUQ1J392JJ
200
4700
22
40
4.9
0.30
EETUQ1J472HJ
200
25
35
4.9
0.30
EETUQ1J472JJ
200
30
25
4.9
0.30
EETUQ1J472KJ
200
5600
22
45
5.4
0.30
EETUQ1J562HJ
200
63
25
40
5.4
0.30
EETUQ1J562JJ
200
6800
25
45
5.8
0.30
EETUQ1J682JJ
200
30
30
5.8
0.30
EETUQ1J682KJ
200
35
25
6.0
0.30
EETUQ1J682LJ
200
8200
25
50
6.0
0.30
EETUQ1J822JJ
200
30
35
6.0
0.30
EETUQ1J822KJ
100
35
30
6.5
0.30
EETUQ1J822LJ
200
10000
30
40
6.5
0.30
EETUQ1J103KJ
100
35
35
6.5
0.30
EETUQ1J103LJ
100
12000
30
45
7.2
0.30
EETUQ1J123KJ
100
35
40
7.2
0.30
EETUQ1J123LJ
100
15000
35
45
7.9
0.30
EETUQ1J153LJ
100
18000
35
50
8.6
0.30
EETUQ1J183LJ
100
1500
22
25
2.3
0.25
EETUQ1K152HJ
200
1800
22
30
2.5
0.25
EETUQ1K182HJ
200
2200
22
35
2.7
0.25
EETUQ1K222HJ
200
25
25
2.7
0.25
EETUQ1K222JJ
200
80
2700
22
40
2.8
0.25
EETUQ1K272HJ
200
25
30
2.8
0.25
EETUQ1K272JJ
200
3300
22
45
3.2
0.25
EETUQ1K332HJ
200
25
35
3.2
0.25
EETUQ1K332JJ
200
30
25
3.2
0.25
EETUQ1K332KJ
200
n
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
(A)
Endurance : 85
°C 2000 h, Terminal Pitch : 10mm
When capacitors of
f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ2W271HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2W271B PANASONIC-EETUQ2W271B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2W271C PANASONIC-EETUQ2W271C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2W271D PANASONIC-EETUQ2W271D Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2W271HJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com