Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JM1AN-TMP-DC24V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # JM1AN-TMP-DC24V
Description  COMPACT POWER RELAY FOR INDUCTIVE LOAD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JM1AN-TMP-DC24V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  JM1AN-TMP-DC24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JM1AN-TMP-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JM1AN-TMP-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JM1AN-TMP-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JM
115
TYPICAL APPLICATIONS
• Compressor and heater control in
air conditioners
• Power control in hot air type heaters
• Magnetron control in microwave ovens
• Lamp and motor control in
OA equipment such as copiers and fac-
similes.
ORDERING INFORMATION
1a
Contact
arrangement
1a: 1 Form A
N: 70% of
nominal voltage
Nil: Slim type
iZ: Flat type
TMP: TMP type
TM: TM type
P: PCB type(Slim type)
DC 5, 6, 9, 12,
24, 48 V
Pickup voltage
Classification
of type
Mounting
classification
Coil voltage
Ex. JM
(Notes)
UL/CSA, VDE approved type is standard.
1. Standard packing: Carton: 50pcs. Case: 200pcs.
2. For Cd free contact material type, add suffix “-F”.
N
Z
TMP
DC 24V
TYPES AND COIL DATA (at 20
°C 68°F)
Part No.
Nominal
voltage, V
DC
Pick-up
voltage
Drop-out
voltage,
Nominal
operating
current,
mA
Coil
resis-
tance,
(
±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Slim
Flat
TMP
PCB
TMP
TM
JM1aN-TMP-DC5V
JM1aN-P-DC5V
JM1aN-ZTMP-DC5V
JM1aN-ZTM-DC5V
5
3.5
0.5
180
27.8
900
5.5
JM1aN-TMP-DC6V
JM1aN-P-DC6V
JM1aN-ZTMP-DC6V
JM1aN-ZTM-DC6V
6
4.2
0.6
150
40
900
6.6
JM1aN-TMP-DC9V
JM1aN-P-DC9V
JM1aN-ZTMP-DC9V
JM1aN-ZTM-DC9V
9
6.3
0.9
100
90
900
9.9
JM1aN-TMP-DC12V JM1aN-P-DC12V JM1aN-ZTMP-DC12V JM1aN-ZTM-DC12V
12
8.4
1.2
75
160
900
13.2
JM1aN-TMP-DC24V JM1aN-P-DC24V JM1aN-ZTMP-DC24V JM1aN-ZTM-DC24V
24
16.8
2.4
37.5
640
900
26.4
JM1aN-TMP-DC48V JM1aN-P-DC48V JM1aN-ZTMP-DC48V JM1aN-ZTM-DC48V
48
33.6
4.8
18.75
2,560
900
52.8
DIMENSIONS
mm inch
Slim TMP type
General tolerance:
±0.4 ±.016
34
12
COM
12.9
.508
11
.433
10.0
.394
12.0
.472
27.6
1.087
30.4
1.197
26.0
1.024
6.0
.236
N.O.
6.35
.250
12.0
.472
16.0
.630
1.8
.071
26.0
1.024
0.5
.020
4.0
.157
10.0
.394
Schematic
FASTON 250
PC board side
COM
N.O.
PC board pattern (Copper-side view)
4-1.8 dia.
4-.071 dia.
12.0
±0.1
.472
±.004
10.0
±0.1
.394
±.004
12.0
±0.1
.472
±.004
27.6
±0.1
1.087
±.004
13.8
±0.1
.543
±.004
Slim PCB type
General tolerance:
±0.4 ±.016
34
12
COM
10.0
.394
12.0
.472
27.6
1.087
30.4
1.197
26.0
1.024
6.0
.236
N.O.
12.0
.472
16.0
.630
1.8
.071
26.0
1.024
0.5
.020
4.0
.157
Schematic
PC board side
COM
N.O.
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
4-1.8 dia.
4-.071 dia.
12.0
±0.1
.472
±.004
10.0
±0.1
.394
±.004
12.0
±0.1
.472
±.004
27.6
±0.1
1.087
±.004
13.8
±0.1
.543
±.004


Similar Part No. - JM1AN-TMP-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JM1AN-TMP-DC24V-F PANASONIC-JM1AN-TMP-DC24V-F Datasheet
103Kb / 4P
   Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
More results

Similar Description - JM1AN-TMP-DC24V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com