Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271YA4100MR30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PME271YA4100MR30
Description  EMI suppressor, class Y2, metallized paper
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PME271YA4100MR30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PME271YA4100MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME271YA4100MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME271YA4100MR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
167
PME271Y
ORDERING INFORMATION
The article code for the standard part is given in the article table.
For other options, see page 21.
PACKING
Capacitors in standard design (lead length
30 mm) and with L < 24 mm and lead length
5 or 6 mm are packed bulk in a box with
dimensions 245 x 145 x 80 mm. Quantity/
package as per article table.
Capacitors with L
≥ 24 mm and lead length 5
or 6 mm are packed on trays piled in a box
with dimensions 300 x 260 x 195 mm.
Quantity/package as per article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560
mm. The standard quantity/reel is for 360
mm reel. If 500 mm reel is required, it must
be specified when ordering and the
quantity is 2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage
• Y2
• SH, for self-healing
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
• Approval marks
• Manufacturing code (year, month)
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
S
EN 132400
9920003/01 (250 VAC),
9834228/01 (300 VAC)
N
EN 132400
P99101381 (250 VAC)
D
EN 132400
DK99-01992 (250 VAC)
FI
EN 132400
208122 (250 VAC)
VDE
EN 132400
121344 (250 VAC)
118222 (300 VAC)
SEV
EN 132400
99.7 70329.01 (250 VAC)
IMQ
EN 132400
V 4773 (250 VAC)
UL
UL 1283 (U
R = 250 VAC)
E 100117 (250 VAC)
CSA
C 22.2 No. 8
53108 (250 VAC)


Similar Part No. - PME271YA4100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271YA4100MR30 KEMET-PME271YA4100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 1000 pF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=10.2 mm
PME271YA4100MR30 KEMET-PME271YA4100MR30 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
More results

Similar Description - PME271YA4100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com