Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3468ES5-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3468ES5-1
Description  Photoflash Capacitor Chargers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468ES5-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3468ES5-1 Datasheet HTML 4Page - Linear Technology LT3468ES5-1 Datasheet HTML 5Page - Linear Technology LT3468ES5-1 Datasheet HTML 6Page - Linear Technology LT3468ES5-1 Datasheet HTML 7Page - Linear Technology LT3468ES5-1 Datasheet HTML 8Page - Linear Technology LT3468ES5-1 Datasheet HTML 9Page - Linear Technology LT3468ES5-1 Datasheet HTML 10Page - Linear Technology LT3468ES5-1 Datasheet HTML 11Page - Linear Technology LT3468ES5-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3468/LT3468-1/LT3468-2
8
sn346812 346812fs
Where: VOUT is the desired output voltage. The number
2 in the numerator is used to include the effect of the
voltage drop across the output diode(s).
Thus for a 320V output, N should be 322/31.5 or 10.2.
For a 300V output, choose N equal to 302/31.5 or 9.6.
The next parameter that needs to be set is the primary
inductance, LPRI. Choose LPRI according to the following
formula:
L
V
NI
PRI
OUT
PK
••
200 10 9
Where: VOUT is the desired output voltage. N is
the transformer turns ratio. IPK is 1.4 (LT3468), 0.7
(LT3468-1), and 1.0 (LT3468-2).
LPRI needs to be equal or larger than this value to ensure
that the LT3468/LT3468-1/LT3468-2 has adequate time
to respond to the flyback waveform.
All other parameters need to meet or exceed the recom-
mended limits as shown in Table 1. A particularly impor-
tant parameter is the leakage inductance, LLEAK. When the
power switch of the LT3468/LT3468-1/LT3468-2 turns
off, the leakage inductance on the primary of the trans-
former causes a voltage spike to occur on the SW pin. The
height of this spike must not exceed 40V, even though the
absolute maximum rating of the SW Pin is 50V. The 50V
absolute maximum rating is a DC blocking voltage speci-
fication, which assumes that the current in the power NPN
is zero. Figure 3 shows the SW voltage waveform for the
circuit of Figure 6(LT3468). Note that the absolute maxi-
mum rating of the SW pin is not exceeded. Make sure to
check the SW voltage waveform with VOUT near the target
output voltage, as this is the worst case condition for SW
voltage. Figure 4 shows the various limits on the SW
voltage during switch turn off.
It is important not to minimize the leakage inductance to
a very low level. Although this would result in a very low
leakage spike on the SW pin, the parasitic capacitance of
the transformer would become large. This will adversely
effect the charge time of the photoflash circuit.
Linear Technology has worked with several leading mag-
netic component manufacturers to produce pre-designed
flyback transformers for use with the LT3468/LT3468-1/
LT3468-2. Table 2 shows the details of several of these
transformers.
APPLICATIO S I FOR ATIO
Figure 4. New Transformer Design Check (Not to Scale).
Figure 3. LT3468 SW Voltage Waveform
VIN = 5V
VOUT = 320V
3468 G18
100ns/DIV
VSW
10V/DIV
Table 1. Recommended Transformer Parameters
TYPICAL RANGE
TYPICAL RANGE
TYPICAL RANGE
PARAMETER
NAME
LT3468
LT3468-1
LT3468-2
UNITS
LPRI
Primary Inductance
>5
>10
>7
µH
LLEAK
Primary Leakage Inductance
100 to 300
200 to 500
200 to 500
nH
N
Secondary: Primary Turns Ratio
8 to 12
8 to 12
8 to 12
VISO
Secondary to Primary Isolation Voltage
>500
>500
>500
V
ISAT
Primary Saturation Current
>1.6
>0.8
>1.0
A
RPRI
Primary Winding Resistance
<300
<500
<400
mΩ
RSEC
Secondary Winding Resistance
<40
<80
<60
VSW
3420 F07
0V
“A”
“B”
MUST BE
LESS THAN 40V
MUST BE
LESS THAN 50V


Similar Part No. - LT3468ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468ES5-1 LINER-LT3468ES5-1 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
More results

Similar Description - LT3468ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com