Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3490 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3490
Description  Single Cell 350mA LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3490 Datasheet HTML 4Page - Linear Technology LTC3490 Datasheet HTML 5Page - Linear Technology LTC3490 Datasheet HTML 6Page - Linear Technology LTC3490 Datasheet HTML 7Page - Linear Technology LTC3490 Datasheet HTML 8Page - Linear Technology LTC3490 Datasheet HTML 9Page - Linear Technology LTC3490 Datasheet HTML 10Page - Linear Technology LTC3490 Datasheet HTML 11Page - Linear Technology LTC3490 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3490
3490fa
TYPICAL APPLICATIO S
2-Cell Adjustable Amplitude LED Driver
+
+
SW
CAP
LED
2 NiMH OR
ALKALINE
CELLS
4.7
µF
LOBAT
3490 TA03
VIN
CTRL/SHDN
CELLS
1M
LUMILEDS
LUXEON
LXHL-BW02
GND
LTC3490
3.3
µH
ON/OFF
Soft Turn-Off LED Driver
+
SW
CAP
LED
1 NiMH OR
ALKALINE
CELL
4.7
µF
LOBAT
3490 TA04
VIN
CTRL/SHDN
CELLS
1M
ON/OFF
1
µF
LUMILEDS
LUXEON
LXHL-BW02
GND
LTC3490
3.3
µH
350mA
APPLICATIO S I FOR ATIO
Red Luxeon LEDs
The red, red-orange and amber Luxeon LEDs have a lower
forward voltage than the white, blue and green LEDs. Since
the LTC3490 internal circuitry is powered from the output,
it requires a minimum LED voltage of 2.5V for reliable
operation. The minimum forward voltage on the red LEDs
is only 2.31V. The LTC3490 requires an additional 190mV
for proper operation. In non-dimming applications, this can
be accomplished with a 0.6
Ω resistor in series with the
LED. The resistor voltage drops too low in dimming appli-
cations, so a Schottky diode is recommended to keep
sufficient voltage at the output at lower currents.


Similar Part No. - LTC3490

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
More results

Similar Description - LTC3490

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Silan Microelectronics ...
SD42351NA SILAN-SD42351NA Datasheet
334Kb / 4P
   350MA WHITE SINGLE LED DRIVER
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
   350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
   350mA, LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
   350mA LED Lighting Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
   350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
   AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
   AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com