Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR034 Datasheet(PDF) 8 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 8 Page - Texas Instruments

Back Button GR034 Datasheet HTML 4Page - Texas Instruments GR034 Datasheet HTML 5Page - Texas Instruments GR034 Datasheet HTML 6Page - Texas Instruments GR034 Datasheet HTML 7Page - Texas Instruments GR034 Datasheet HTML 8Page - Texas Instruments GR034 Datasheet HTML 9Page - Texas Instruments GR034 Datasheet HTML 10Page - Texas Instruments GR034 Datasheet HTML 11Page - Texas Instruments GR034 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 7)
MIN
NOM
MAX
UNIT
VCC,
BIAS VCC
Supply voltage
3.15
3.3
3.45
V
VTT
Termination voltage
GTL
1.14
1.2
1.26
V
VTT
Termination voltage
GTLP
1.35
1.5
1.65
V
VREF
Reference voltage
GTL
0.74
0.8
0.87
V
VREF
Reference voltage
GTLP
0.87
1
1.1
V
VI
Input voltage
B port
VTT
V
VI
Input voltage
Except B port and VREF
VCC
5.5
V
VIH
High level input voltage
B port
VREF+0.05
V
VIH
High-level input voltage
Except B port
2
V
VIL
Low level input voltage
B port
VREF–0.05
V
VIL
Low-level input voltage
Except B port
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
AO
–24
mA
IOL
Low level output current
AO
24
mA
IOL
Low-level output current
B port
100
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
ns/V
∆t/∆VCC
Power-up ramp rate
20
µs/V
TA
Operating free-air temperature
–40
85
°C
NOTES:
4. All unused control and B-port inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5. Proper connection sequence for use of the B-port I/O precharge feature is GND and BIAS VCC = 3.3 V first, I/O second, and VCC = 3.3
V last, because the BIAS VCC precharge circuitry is disabled when any VCC pin is connected. The control and VREF inputs can be
connected anytime, but normally are connected during the I/O stage. If B-port precharge is not required, any connection sequence
is acceptable but, generally, GND is connected first.
6. VTT and RTT can be adjusted to accommodate backplane impedances if the dc recommended IOL ratings are not exceeded.
7. VREF can be adjusted to optimize noise margins, but normally is two-thirds VTT. TI-OPC circuitry is enabled in the A-to-B direction
and is activated when VTT > 0.7 V above VREF. If operated in the A-to-B direction, VREF should be set to within 0.6 V of VTT to
minimize current drain.


Similar Part No. - GR034

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
   M8 Female
logo
Murata Manufacturing Co...
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com