Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLPH1612 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74GTLPH1612
Description  18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH1612 Datasheet(HTML) 2 Page - Texas Instruments

  SN74GTLPH1612 Datasheet HTML 1Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 2Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 3Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 4Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 5Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 6Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 7Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 8Page - Texas Instruments SN74GTLPH1612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN74GTLPH1612
18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE
UNIVERSAL BUS TRANSCEIVER
SCES287D – OCTOBER 1999 – REVISED MAY 2005
Normally, the B port operates at GTLP signal levels. The A-port and control inputs operate at LVTTL logic levels,
but are 5-V tolerant and are compatible with TTL and 5-V CMOS inputs. VREF is the B-port differential input
reference voltage.
This device is fully specified for live-insertion applications using Ioff, power-up 3-state, and BIAS VCC. The Ioff
circuitry disables the outputs, preventing damaging current backflow through the device when it is powered
down. The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power
down, which prevents driver conflict. The BIAS VCC circuitry precharges and preconditions the B-port input/output
connections, preventing disturbance of active data on the backplane during card insertion or removal, and
permits true live-insertion capability.
This GTLP device features TI-OPC circuitry, which actively limits the overshoot caused by improperly terminated
backplanes, unevenly distributed cards, or empty slots during low-to-high signal transitions. This improves signal
integrity, which allows adequate noise margin to be maintained at higher frequencies.
High-drive GTLP backplane interface devices feature adjustable edge-rate control (ERC). Changing the ERC
input voltage between GND and V
CC adjusts the B-port output rise and fall times. This allows the designer to
optimize system data-transfer rate and signal integrity to the backplane load.
Active bus-hold circuitry is provided to hold unused or undriven LVTTL data inputs at a valid logic state. Use of
pullup or pulldown resistors with the bus-hold circuitry is not recommended.
When V
CC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, the output-enable (OE) input should be tied to V
CC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
TSSOP – DGG
Tape and reel
SN74GTLPH1612DGGR
GTLPH1612
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2


Similar Part No. - SN74GTLPH1612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616DGGR TI1-SN74GTLPH1616DGGR Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN74GTLPH1612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com