Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8569AETT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8569AETT
Description  200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8569AETT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8569AETT Datasheet HTML 3Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 4Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 5Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 6Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 7Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 8Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 9Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 10Page - Maxim Integrated Products MAX8569AETT Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
200mA Step-Up Converters in 6-Pin
SOT23 and TDFN
_______________________________________________________________________________________
7
Detailed Description
The MAX8569A and MAX8569B compact high-efficien-
cy step-up converters feature low-quiescent supply cur-
rent to ensure the highest possible efficiency over a
wide load range. With a minimum 1.5V input voltage,
these devices are well suited for applications with two
alkaline cells, two nickel-metal-hydride (NiMH) cells, or
one lithium-ion (Li+) cell. When SHDN is low, the output
is connected to the battery through the inductor and an
internal p-channel MOSFET. This allows the input bat-
tery to be used as a backup or real-time clock supply
when the converter is off by eliminating the voltage drop
across the MOSFET body diode. These devices are
ideal for low-power applications where a small footprint
is critical. The internal synchronous rectifier improves
efficiency significantly and reduces size and cost by
eliminating the need for an external Schottky diode.
Control Scheme
The MAX8569A/MAX8569B feature a current-limited
control scheme that provides ultra-low quiescent current
and high efficiency over a wide output current range.
The switching cycles are not controlled by an oscillator.
Instead, switch on-time is terminated when the inductor
current reaches the 780mA (typ) n-channel current limit,
or when the 5µs maximum n-channel switch on-time is
reached. Following each on-cycle, the synchronous rec-
tifier turns on, shunts the MOSFET body diode, and the
inductor current ramps to zero before another cycle
begins. The next cycle occurs when the error compara-
tor senses that the output has fallen below the regulation
threshold.
Applications Information
Shutdown
Drive SHDN low to shut down the MAX8569A/
MAX8569B and reduce the input current to less than
1µA. During shutdown, the battery input is connected
to the output through the inductor and the internal syn-
chronous rectifier. This allows the input battery (rather
than a separate backup battery) to provide backup
power for devices such as an idled microcontroller,
SRAM, or real-time clock, without the usual diode for-
ward drop. Drive SHDN to VOUT (logic-high) to enable
the IC for normal operation.
MAX8569A
FB
OUT
1.5V TO 3V
INPUT
L1
10
µH
C3
22
µF
C1
10
µF
3.3V OUTPUT
R4
100k
R3
168k
LX
4
1
2
5
6
3
SHDN
BATT
GND
C2
0.01
µF
R2
1M
R1
220k
Figure 1. Typical Application Circuit for MAX8569A
MAX8569B
OUT
1.5V TO 3V
INPUT
L1
10
µH
C3
22
µF
C1
10
µF
3.3V
OUTPUT
RESET
OUTPUT
R1
100k
LX
4
1
2
5
6
3
SHDN
BATT
GND
RST
OFF
ON
Figure 2. Typical Application Circuit for MAX8569B


Similar Part No. - MAX8569AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8569AETT++ MAXIM-MAX8569AETT+ Datasheet
304Kb / 11P
   200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
More results

Similar Description - MAX8569AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8569 MAXIM-MAX8569 Datasheet
304Kb / 11P
   200mA Step-Up Converters in 6-Pin SOT23 and TDFN
Rev 0; 5/05
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
   1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
STMicroelectronics
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
   Step-up and inverter converters
October 2012 Rev 1
logo
Maxim Integrated Produc...
MAX8560 MAXIM-MAX8560 Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com