Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5322 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5322 Datasheet HTML 1Page - Maxim Integrated Products MAX5322 Datasheet HTML 2Page - Maxim Integrated Products MAX5322 Datasheet HTML 3Page - Maxim Integrated Products MAX5322 Datasheet HTML 4Page - Maxim Integrated Products MAX5322 Datasheet HTML 5Page - Maxim Integrated Products MAX5322 Datasheet HTML 6Page - Maxim Integrated Products MAX5322 Datasheet HTML 7Page - Maxim Integrated Products MAX5322 Datasheet HTML 8Page - Maxim Integrated Products MAX5322 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5322 dual, 12-bit, serial-interface, digital-to-ana-
log converter (DAC) provides bipolar ±5V to ±10V out-
puts from ±12V to ±15V analog power-supply voltages, or
unipolar 5V to 10V outputs from a single 12V to 15V ana-
log power-supply voltage.
The MAX5322 features excellent linearity with both inte-
gral nonlinearity (INL) and differential nonlinearity (DNL)
guaranteed to ±1 LSB (max). The device also features a
fast 10µs to 0.5 LSB settling time, and a hardware-shut-
down feature that reduces current consumption to 2.8µA.
The output goes to midscale at power-up in bipolar
mode (0V), and to zero scale at power-up in unipolar
mode (0V). A clear input (CLR) asynchronously clears
the DAC register and sets the outputs to 0V. The outputs
can be asynchronously updated with the load DAC
(LDAC) input.
The device features a fast 10MHz SPI™-/QSPI™-
/MICROWIRE™-compatible serial interface that operates
with 3V or 5V logic. Additional features include a serial-
data output (DOUT) for daisy chaining and read-back
functions. The MAX5322 requires external reference volt-
ages of 2V to 5.25V and is available in a 28-pin SSOP
package that operates over the extended (-40
°C to
+85
°C) temperature range.
Applications
Features
♦ Unipolar or Bipolar Output-Voltage Ranges
Unipolar: 0 to +2 x VREF (Single or Dual Supply)
Bipolar: -2 x VREF to +2 x VREF (Dual Supply)
♦ Guaranteed INL ≤ ±1 LSB (max)
♦ Guaranteed Monotonic: DNL ≤ ±1 LSB (max)
♦ 10µs Settling Time to 0.5 LSB
♦ Low 2.8µA Shutdown Current
♦ Fast 10MHz SPI-/QSPI-/MICROWIRE-Compatible
Serial Interface
♦ Power-On Reset Sets DAC Output to 0V
♦ Schmitt Trigger Inputs for Direct
Optocoupler Interface
♦ Serial-Data Output Allows Daisy-Chaining
of Devices
♦ 28-Pin SSOP (8mm x 10mm)
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3150; Rev 2; 10/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5322EAI
-40
°C to +85°C
28 SSOP
OUTA
SGNDA
REFA
2R
2R
12-BIT
DAC A
A1
A2
SW1
SW2
SW3
12
OUTB
SGNDB
2R
2R
12-BIT
DAC B
A3
A4
SW4
SW5
SW6
12
REFB
2R
2R
2R
2R
INPUT
REGISTERS
DAC
REGISTERS
DIN
SCLK
SERIAL INTERFACE
AND CONTROL
16-BIT SHIFT REGISTER
12
12
CS
UNI/BIPB
UNI/BIPA
SHDN
DOUT
DIGITAL
POWER
VCC
DGND
ANALOG
POWER
VSS
VDD
AGND
MAX5322
CLR
LDAC
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Motor Control
Industrial Process
Controls
Industrial Automation
Automatic Test
Equipment (ATE)
Analog I/O Boards
Data-Acquisition Systems
Functional Diagram


Similar Part No. - MAX5322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACPE MAXIM-MAX532ACPE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACWE MAXIM-MAX532ACWE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEPE MAXIM-MAX532AEPE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEWE MAXIM-MAX532AEWE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
More results

Similar Description - MAX5322

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
   Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com