Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5322 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5322 Datasheet HTML 7Page - Maxim Integrated Products MAX5322 Datasheet HTML 8Page - Maxim Integrated Products MAX5322 Datasheet HTML 9Page - Maxim Integrated Products MAX5322 Datasheet HTML 10Page - Maxim Integrated Products MAX5322 Datasheet HTML 11Page - Maxim Integrated Products MAX5322 Datasheet HTML 12Page - Maxim Integrated Products MAX5322 Datasheet HTML 13Page - Maxim Integrated Products MAX5322 Datasheet HTML 14Page - Maxim Integrated Products MAX5322 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
______________________________________________________________________________________
11
MAX5322 toc32A
t = 40.0
µs/div
VOUT
UNIPOLAR
SOFTWARE-SHUTDOWN RESPONSE
CS
5V/div
5V/div
MAX5322 toc32B
t = 40.0
µs/div
VOUT
BIPOLAR
SOFTWARE-SHUTDOWN RESPONSE
CS
5V/div
10V/div
DAC-TO-DAC CROSSTALK
MAX5322 toc33
OUTB
OUTA
0V
1mV/div
0V
5V/div
t = 100
µs/div
MAX5322 toc30
t = 100
µs/div
VOUT
UNIPOLAR RELEASE FROM
HARDWARE SHUTDOWN RESPONSE
VSHDN
5V/div
2V/div
MAX5322 toc31
t = 100
µs/div
VOUT
BIPOLAR RELEASE FROM
HARDWARE SHUTDOWN RESPONSE
VSHDN
5V/div
2V/div
Typical Operating Characteristics (continued)
(VDD = +15V, VSS = -15V for bipolar graphs, VSS = 0 for unipolar graphs, VCC = +5V, AGND = DGND = SGND_ = 0, VREF_ = +5.0V,
output unloaded, TA = +25
°C, all graphs apply to both unipolar and bipolar, unless otherwise noted.)


Similar Part No. - MAX5322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACPE MAXIM-MAX532ACPE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACWE MAXIM-MAX532ACWE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEPE MAXIM-MAX532AEPE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEWE MAXIM-MAX532AEWE Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
More results

Similar Description - MAX5322

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
   Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com