Electronic Components Datasheet Search |
|
FBK04T05M1SA Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
FBK04T05M1SA Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 7 page COMMON SPECIFICATIONS 4 Protection • Locked rotor protection circuits • Automatically restarts in a few seconds • Reverse voltage protection Insulation Resistance • 10M Ω minimum at 500v DC (frame to leads) Dielectric Strength • 500v AC (50/60Hz) for 1 minute (frame to leads) Plastic Rating • All Panaflo fans are manufactured with a UL94V-0 plastic (flammability) Insulation Class • JIS Class E (120° C) • VDE Class E (90° C) • UL Class A (105° C) • CSA Class A (105° C) Noise Data The noise data is measured at 1 meter from the air intake side of the fan suspended in a semi-anechoic chamber (background noise 13dB-A max.). Construction with and without Solid Corner Housing Panaflo fans are available in two different versions for mounting: with solid corner housing and without. Specific mounting methods and applications require the use of solid corners. Select the appropriate housing for your application. Some mod- els may be available only with solid corner housing. For details, please refer to the corresponding page for each model. With Solid Corner Without Solid Corner Microphone Microphone Microphone * Distance 1m. Noise Data |
Similar Part No. - FBK04T05M1SA |
|
Similar Description - FBK04T05M1SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |