Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9166-15C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RT9166-15C
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9166-15C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RT9166-15C Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9166-15C Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9166/A
Preliminary
10
DS9166/A-09 October 2004
www.richtek.com
Thermal Considerations
The RT9166/A series can deliver a current of up to 300/
600mA over the full operating junction temp-erature range.
However, the maximum output current must be derated
at higher ambient temperature to ensure the junction
temperature does not exceed 125°C. With all possible
conditions, the junction temperature must be within the
range specified under operating conditions. Power
dissipation can be calculated based on the output current
and the voltage drop across regulator.
PD = (VIN - VOUT) IOUT + VIN IGND
The final operating junction temperature for any set of
conditions can be estimated by the following thermal
equation:
PD (MAX) = ( TJ (MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum junction temperature of
the die (125
°C) and TA is the maximum ambient
temperature. The junction to ambient thermal resistance
(
θJA) for SOT-23 package at recomm-ended minimum
footprint is 250
°C/W, 175°C/W for SOT-89 package and
135
°C/W for SOT-223 package (θJA is layout dependent).
Visit our website in which “Recommended Footprints for
Soldering Surface Mount Packages” for detail.
PCB Layout
Good board layout practices must be used or instability
can be induced because of ground loops and voltage
drops. The input and output capacitors MUST be directly
connected to the input, output, and ground pins of the
device using traces which have no other currents flowing
through them.
The best way to do this is to layout CIN and COUT near the
device with short traces to the VIN, VOUT, and ground pins.
The regulator ground pin should be connected to the
external circuit ground so that the regulator and its
capacitors have a “single point ground”.
It should be noted that stability problems have been seen
in applications where “ vias” to an internal ground plane
were used at the ground points of the device and the
input and output capacitors. This was caused by varying
ground potentials at these nodes resulting from current
flowing through the ground plane. Using a single point
ground technique for the regulator and it’ s capacitors fixed
the problem. Since high current flows through the traces
going into VIN and coming from VOUT, Kelvin connect the
capacitor leads to these pins so there is no voltage drop
in series with the input and output capacitors.
Optimum performance can only be achieved when the
device is mounted on a PC board according to the diagram
below:
SOT-23 Board Layout
V
IN
GND
V
OUT


Similar Part No. - RT9166-15C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-15PVL RICHTEK-RT9166-15PVL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-15PVL RICHTEK-RT9166-15PVL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-15PX RICHTEK-RT9166-15PX Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-15PX RICHTEK-RT9166-15PX Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-15PXL RICHTEK-RT9166-15PXL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-15C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com