Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA5051 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA5051
Description  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA5051 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA5051 Datasheet HTML 5Page - Texas Instruments TPA5051 Datasheet HTML 6Page - Texas Instruments TPA5051 Datasheet HTML 7Page - Texas Instruments TPA5051 Datasheet HTML 8Page - Texas Instruments TPA5051 Datasheet HTML 9Page - Texas Instruments TPA5051 Datasheet HTML 10Page - Texas Instruments TPA5051 Datasheet HTML 11Page - Texas Instruments TPA5051 Datasheet HTML 12Page - Texas Instruments TPA5051 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
D7
D6
D1
D0 ACK
I2CDeviceAddressand
Read/WriteBit
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
MULTIPLE-BYTE READ
A6
A0
ACK
Acknowledge
I2CDeviceAddressand
Read/WriteBit
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
TPA5051 Operation
VDD
DATA1
LRCLK1
BCLK1
GND
DATA_OUT1
SDA
SCL
ADD0
ADD1
ADD2
GND
3.3V
0.1 F
m
Digital Audio1
WordClock1
BitClock1
Delayed Audio1
I CClock
2
I CData
2
I C Address
Select
2
Digital Audio2
WordClock2
BitClock2
DATA2
LRCLK2
BCLK2
DATA_OUT2
Delayed Audio2
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
Figure 8. Single-Byte Read Transfer
A multiple-byte data read transfer is identical to a single-byte data read transfer except that multiple data bytes
are transmitted by the TPA5051 to the master device as shown in Figure 9. With the exception of the last data
byte, the master device responds with an acknowledge bit after receiving each data byte.
Figure 9. Multiple-Byte Read Transfer
The following sections describe the registers configurable via I2C commands for the TPA5051.
Only a single decoupling capacitor (0.1
µF–1 µF) is required across VDD and GND. The ADDx terminals can be
directly connected to VDD or GND. Table 1 describes the I2C addresses selectable via the ADDx terminals. A
schematic implementation of the TPA5051 is shown in Figure 10.
Figure 10. TPA5051 Schematic
9
Submit Documentation Feedback


Similar Part No. - TPA5051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5051RSAR TI-TPA5051RSAR Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSARG4 TI-TPA5051RSARG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSAT TI-TPA5051RSAT Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSATG4 TI-TPA5051RSATG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Similar Description - TPA5051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com