Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7S04-60GI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TA7S04-60GI
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S04-60GI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TA7S04-60GI Datasheet HTML 1Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 2Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 3Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 4Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 5Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 6Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S04-60GI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 198 page
background image
TCH305-0001-002
3
SUBJECT TO CHANGE
System Overview
The Triscend A7S Configurable System-on-Chip (CSoC) device is a complete, high-
performance user-programmable system. The A7S contains
#
an embedded 32-bit ARM7TDMI RISC processor
#
a next generation embedded programmable logic architecture, optimized for processor
and bus interface
#
a high-performance 32-bit internal bus supporting up to 455Mbytes per second peak
transfer rates
#
16Kbytes of internal scratchpad SRAM memory and a separate 8Kbyte cache.
The ARM7TDMI is a general-purpose 32-bit RISC microprocessor that supports the com-
plete ARM 32-bit instruction set and the reduced 16-bit instruction set, referred to as
Thumb. The ARM7TDMI processor offers the following advantages:
#
High-performance for very low power consumption and price
#
Excellent code density using the Thumb instruction set
#
Low-latency interrupt response
A
AR
RM
M7
7T
TD
DM
MII P
Prro
oc
ce
es
ss
so
orr S
Sy
ys
stte
em
m w
wiitth
h C
Ca
ac
ch
he
e,, S
Sc
crra
attc
ch
hp
pa
ad
d R
RA
AM
M
The processor is paired with an 8Kbyte unified code/data cache and a 16Kbyte (4Kx32)
scratchpad RAM for storing timing critical code or data. The scratchpad is accessible over
the Configurable System Interconnect (CSI) bus by other CSI bus masters, primarily for
DMA transfers. The ARM processor is integrated with other system components and the
Configurable System Logic (CSL) matrix to provide a complete configurable system, as il-
lustrated in Figure 1.
N
Ne
ex
xtt--G
Ge
en
ne
erra
attiio
on
n E
Em
mb
be
ed
dd
de
ed
d P
Prro
og
grra
am
mm
ma
ab
blle
e L
Lo
og
giic
c A
Arrc
ch
hiitte
ec
cttu
urre
e
The embedded SRAM-based Configurable System Logic (CSL) matrix provides full, easy-
to-use system customization. The high-performance programmable logic architecture
consists of a highly interconnected matrix of CSL cells. Resources within the matrix pro-
vide seamless access to and from the internal CSI bus. Each CSL cell performs various
potential functions, including combinatorial and sequential logic. The combinatorial por-
tion performs Boolean logic operations, arithmetic functions, and memory. The sequential
element performs independently or in tandem with the combinatorial function. The abun-
dant programmable input/output blocks (PIOs) provide a highly flexible interface between
external functions and the internal system bus or configurable system logic. Each PIO of-
fers advanced I/O capabilities including selectable output drive current, optional input hys-
teresis, and programmable low-power functionality during power-down mode.
IIn
ntte
errn
na
all,, H
Hiig
gh
h--P
Pe
errffo
orrm
ma
an
nc
ce
e B
Bu
us
s
A high-performance internal system bus—called the Configurable System Interconnect
(CSI) bus— interconnects the embedded processor, its peripherals, and the CSL matrix at
a maximum speed of 60MHz. The bus simultaneously provides 32 bits of read data, 32
bits of write data, and a 32-bit address. Multiple bus masters arbitrate for bus access.
Potential bus masters include the ARM7TDMI processor, the read and write channels of
all four DMA channels, and the JTAG interface. CSL-based devices become CSI bus
masters using DMA services. The CSI bus and the local CPU bus following the little en-
dian format.


Similar Part No. - TA7S04-60GI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S04-60GI

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com