Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7S20-60GI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TA7S20-60GI
Description  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S20-60GI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TA7S20-60GI Datasheet HTML 1Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 2Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 3Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 4Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 5Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 6Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S20-60GI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 198 page
background image
TCH305-0001-002
5
SUBJECT TO CHANGE
F
Fo
ou
urr--C
Ch
ha
an
nn
ne
ell D
DM
MA
A
The four-channel DMA controller provides high-bandwidth communication between CSL-
based I/O devices, at up to 228M bytes per second, per direction. The easy-to-use DMA
handshake simplifies interface and control logic within the CSL. The DMA controller pro-
vides advanced capabilities such as linked-list and frame-transfer support.
Dedicated Peripherals
The A7S also offers a set of common dedicated peripherals including
#
two 16-bit timers with pre-scalers,
#
two 16C450/550-like serial controllers (UART), with an optional modem interface
#
a 32-bit watchdog timer, and
#
an interrupt controller.
C
Co
om
mp
plle
ette
e S
Siin
ng
glle
e--C
Ch
hiip
p S
Sy
ys
stte
em
m
The majority of the system, including the CPU, operates from a single clock signal. The
clock source is typically driven directly via an external pin or connected to the on-chip PLL
clock synthesizer. The clock synthesizer operates from an external 32.768 kHz watch
crystal. Additionally, an internal ring oscillator is provided. Six other global buffers pro-
vide high-fanout signals to CSL functions. The bus clock and the global buffers are op-
tionally stopped upon a breakpoint event and shut off during power-down mode.
Power management controls provide selectable power-down options over internal func-
tions. Furthermore, each PIO provides pin-by-pin power-down settings.
An internal initialization boot ROM controls device initialization after power-on or after the
reset pin is released. The initialization boot ROM locates user's initialization data and
code stored in external Flash or other non-volatile memory. The Triscend FastChip de-
velopment system programs external Flash via the A7S’s JTAG port.
Additionally, the JTAG interface provides real-time, in-system debugging capabilities,
eliminating the need for an external emulator. The JTAG interface has full access and
control over the CPU, peripherals, and CSL functions during debugging.
When debugging application software, the A7S employs the rich set of standard
ARM7TDMI debugging tools. The A7S fully supports the standard ARM internal break-
point and watchpoint capabilities. In addition, the A7S’s breakpoint unit monitors both the
CPU local bus or the CSI bus. Upon a predefined set of conditions, the breakpoint unit
halts or interrupts the execution of the application program. The breakpoint unit also sup-
ports real-time tracing of local CPU bus or the CSI bus transactions.
All together, the Triscend A7S Configurable System-on-Chip (CSoC) platform offers un-
paralleled time-to-market and performance advantages for embedded system designs.


Similar Part No. - TA7S20-60GI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7S20-60GI

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com