Electronic Components Datasheet Search |
|
EETUQ2V331JJ Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
EETUQ2V331JJ Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 10 page Aluminum Electrolytic Capacitors/ UQ EE172 Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. 470 25 45 2.40 0.15 EETUQ2V471JJ 200 30 35 2.40 0.15 EETUQ2V471KJ 100 35 30 2.40 0.15 EETUQ2V471LJ 200 560 25 50 2.60 0.15 EETUQ2V561JJ 200 30 40 2.60 0.15 EETUQ2V561KJ 100 35 30 2.60 0.15 EETUQ2V561LJ 200 680 30 45 2.96 0.15 EETUQ2V681KJ 100 35 35 2.96 0.15 EETUQ2V681LJ 100 820 30 50 3.25 0.15 EETUQ2V821KJ 100 35 45 3.25 0.15 EETUQ2V821LJ 100 1000 35 50 3.54 0.15 EETUQ2V102LJ 100 120 22 25 1.02 0.15 EETUQ2G121HJ 200 150 22 30 1.16 0.15 EETUQ2G151HJ 200 180 22 35 1.44 0.15 EETUQ2G181HJ 200 220 22 40 1.49 0.15 EETUQ2G221HJ 200 25 30 1.49 0.15 EETUQ2G221JJ 200 270 22 45 1.67 0.15 EETUQ2G271HJ 200 25 35 1.67 0.15 EETUQ2G271JJ 200 30 30 1.67 0.15 EETUQ2G271KJ 200 330 22 50 1.90 0.15 EETUQ2G331HJ 200 25 40 1.90 0.15 EETUQ2G331JJ 200 30 30 1.90 0.15 EETUQ2G331KJ 200 35 25 1.90 0.15 EETUQ2G331LJ 200 390 25 45 2.13 0.15 EETUQ2G391JJ 200 30 35 2.13 0.15 EETUQ2G391KJ 100 35 30 2.13 0.15 EETUQ2G391LJ 200 470 25 50 2.39 0.15 EETUQ2G471JJ 200 30 40 2.39 0.15 EETUQ2G471KJ 100 35 30 2.39 0.15 EETUQ2G471LJ 200 560 30 45 2.69 0.15 EETUQ2G561KJ 100 35 35 2.69 0.15 EETUQ2G561LJ 100 680 30 50 2.96 0.15 EETUQ2G681KJ 100 35 45 2.96 0.15 EETUQ2G681LJ 100 820 35 50 3.25 0.15 EETUQ2G821LJ 100 82 22 25 0.83 0.15 EETUQ2W820HJ 200 100 22 25 0.93 0.15 EETUQ2W101HJ 200 120 22 30 1.04 0.15 EETUQ2W121HJ 200 150 22 35 1.19 0.15 EETUQ2W151HJ 200 25 30 1.19 0.15 EETUQ2W151JJ 200 180 22 40 1.35 0.15 EETUQ2W181HJ 200 25 30 1.35 0.15 EETUQ2W181JJ 200 220 22 45 1.55 0.15 EETUQ2W221HJ 200 350 400 n tan δ (120Hz) (+20 °C) (A) (mm) (V) (µF) (pcs) (mm) Min.Packaging Q'ty Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+85 °C) Standard Products Endurance : 85 °C 2000h Terminal Pitch : 10mm When capacitors of φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) 450 Part No. PET sleeve Terminal Length 4.0mm (Without P.V.C.plate) |
Similar Part No. - EETUQ2V331JJ |
|
Similar Description - EETUQ2V331JJ |