Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2005IYZLT Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2005IYZLT
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005IYZLT Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button TSC2005IYZLT Datasheet HTML 5Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 6Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 7Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 8Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 9Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 10Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 11Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 12Page - Burr-Brown (TI) TSC2005IYZLT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.ti.com
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
588
586
584
582
580
578
576
574
3.6
T =+25 C
I/OVDD=SNSVDD
°
A
V
=1.6V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
704
702
700
698
696
694
692
690
3.6
T =+25 C
°
A
V
=1.6V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
1.2
1.0
0.8
0.6
0.4
0.2
0
3.6
M=1,W=1
M=15,W=7
2k
forX-Plane
TSC-InitiatedModeScanX,Y,Zat50SSPS
TouchSensormodeledby:
W
2k
forY-Plane
1k
forZ(TouchResistance)
W
W
T =+25 C
I/OVDD=SNSVDD
V
=1.6V
°
A
REF
t
,t
,t
=DefaultValues
PVS
PRE
SNS
Temperature( C)
°
-40
-20
3.70
3.65
3.60
3.55
3.50
0
20
40
60
80
100
SNSVDD=1.6V
Temperature( C)
°
-40
-20
3.95
3.90
3.85
3.80
3.75
0
20
40
60
80
100
SNSVDD=3.0V
TSC2005
SBAS379 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz, 12-bit
mode, and non-continuous AUX measurement, unless otherwise noted.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 14.
Figure 15.
SUPPLY CURRENT
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 16.
Figure 17.
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
Figure 18.
9
Submit Documentation Feedback


Similar Part No. - TSC2005IYZLT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Similar Description - TSC2005IYZLT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com