Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3965S-3.3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3965S-3.3
Description  1.5A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3965S-3.3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3965S-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3965S-3.3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Oct. 2006 – R1.2.1
4/9
HTC
PIN CONFIGURATION
SOT223-3L
SOT223-5L
MSOP8
SOP8 / SOP8-PP
TO263-3L
TO263-5L
TO220-3L
TO220-5L
PIN DESCRIPTION
SOT223 / SOT263 / TO220 3 LEAD
SOT-223 5 LEAD
Pin No.
Name
Function
Name
Function
1
VIN
Input Supply
EN
Chip Enable
2
GND
Ground
VIN
Input Supply
3
VOUT
Output Voltage
VOUT
Output Voltage
4
-
-
SENSE/ADJ
Remote Sense
or Output Adjust
5
-
-
GND
Ground
TO263 / TO220 5 LEAD
MSOP8 / SOP8 / SOP8-PP 8 LEAD
Pin No.
Name
Function
Name
Function
1
EN
Chip Enable
EN
Chip Enable
2
VIN
Input Supply
VIN
Input Supply
3
GND
Ground
VOUT
Output Voltage
4
VOUT
Output Voltage
SENSE/ADJ
Remote Sense
or Output Adjust
5 / 6/ 7 / 8
SENSE/ADJ
Remote Sense
or Output Adjust
GND
Ground


Similar Part No. - 3965S-3.3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
More results

Similar Description - 3965S-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com