Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4265 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB4265
Description  Evaluation Board for CS4265
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4265 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB4265 Datasheet HTML 5Page - Cirrus Logic CDB4265 Datasheet HTML 6Page - Cirrus Logic CDB4265 Datasheet HTML 7Page - Cirrus Logic CDB4265 Datasheet HTML 8Page - Cirrus Logic CDB4265 Datasheet HTML 9Page - Cirrus Logic CDB4265 Datasheet HTML 10Page - Cirrus Logic CDB4265 Datasheet HTML 11Page - Cirrus Logic CDB4265 Datasheet HTML 12Page - Cirrus Logic CDB4265 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CDB4265
DS657DB1
9
3.3
Register Maps Tab
The Register Maps tab provides low level control over the register level settings of the CS4265, CS8416,
and FPGA. Each device is displayed on a separate tab. Register values can be modified bit-wise or byte-
wise. For bit-wise, click the appropriate push button for the desired bit. For byte-wise, the desired hex value
can be typed directly in the register address box in the register map.
3.4
Pre-Configured Script Files
Pre-configured script files are provided with the CDB4265 to allow easy initial board bring-up. The board
configurations stored within these files are described in sections 3.4.1 - 3.4.2.
3.4.1
Oscillator Clock - Line In to DAC & SPDIF Out
Using the pre-configured script file named “Oscillator Clock - Line In to DAC & SPDIF Out.txt”, an analog
input signal applied to the line level inputs of the CS4265 input multiplexer will be digitized by the ADC, trans-
mitted in S/PDIF format by the CS4265 internal S/PDIF transmitter, and converted to analog by the DAC
and output through the passive output filter.
The canned oscillator is the source of MCLK. The CS4265 is the sub-clock master to the PCM I/O header.
Figure 3. Register Maps Tab


Similar Part No. - CDB4265

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CDB4265

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com