Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145162D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145162D
Description  60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145162D Datasheet(HTML) 1 Page - Motorola, Inc

  MC145162D Datasheet HTML 1Page - Motorola, Inc MC145162D Datasheet HTML 2Page - Motorola, Inc MC145162D Datasheet HTML 3Page - Motorola, Inc MC145162D Datasheet HTML 4Page - Motorola, Inc MC145162D Datasheet HTML 5Page - Motorola, Inc MC145162D Datasheet HTML 6Page - Motorola, Inc MC145162D Datasheet HTML 7Page - Motorola, Inc MC145162D Datasheet HTML 8Page - Motorola, Inc MC145162D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MC145162
•MC145162–1
MOTOROLA
1
60 MHz and 85 MHz Universal
Programmable Dual PLL
Frequency Synthesizers
CMOS
The MC145162 is a dual phase–locked loop (PLL) frequency synthesizer
especially designed for CT–1 cordless phone applications worldwide. This
frequency synthesizer is also for any product with a frequency operation at
60 MHz or below.
The MC145162–1 is a high frequency derivative of the MC145162, for
products with operating frequencies of 85 MHz or below.
The device features fully programmable receive, transmit, reference, and
auxiliary reference counters accessed through an MCU serial interface. This
feature allows this device to operate in any CT–1 cordless phone application.
The device consists of two independent phase detectors for transmit and
receive loops. A common reference oscillator, driving two independent
reference frequency counters, provides independent reference frequencies for
transmit and receive loops. The auxiliary reference counter allows the user to
select an additional reference frequency for receive and transmit loops if
required.
• Operating Voltage Range: 2.5 to 5.5 V
• Operating Temperature Range: – 40 to + 75°C
• Operating Power Consumption: 3.0 mA @ 2.5 V
• Maximum Operating Frequency:
MC145162
— 60 MHz @ 200 mV p–p, VDD = 2.5 V
MC145162–1 — 85 MHz @ 250 mV p–p, VDD = 2.5 V
• Three or Four Pins Used for Serial MCU Interface
• Built–In MCU Clock Output with Frequency of Reference Oscillator 3/4
• Power Saving Mode Controlled by MCU
• Lock Detect Signal
• On–Chip Reference Oscillator Supports External Crystals to 16.0 MHz
• Reference Frequency Counter Division Range: 16 to 4095
• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383
• Transmit Counter Division Range: 16 to 65,535
• Receive Counter Division Range: 16 to 65,535
Order this document
by MC145162/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
P SUFFIX
PLASTIC DIP
CASE 648
D SUFFIX
SOG PACKAGE
CASE 751B
ORDERING INFORMATION
MC145162P
Plastic DIP
MC145162D
SOG Package
MC145162P1
Plastic DIP
MC145162D1
SOG Package
MC145162
MC145162-1
16
1
16
1
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
VDD
TxPS/fTx
fin–T
TxPDout
LD
fin–R
RxPDout
RxPS/FRx
ENB
Din
ADin
CLK
OSCout
OSCin
VSS
MCUCLK
© Motorola, Inc. 1998
REV 3.1
2/98


Similar Part No. - MC145162D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
MC145162D LANSDALE-MC145162D Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Similar Description - MC145162D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
   LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com