Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9045LSR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF9045LSR1
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9045LSR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF9045LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5−4
RF Device Data
Freescale Semiconductor
MRF9045LR1 MRF9045LSR1
Figure 1. 930 − 960 MHz Broadband Test Circuit Schematic
Z4
0.360″ x 0.320″ Microstrip
Z5
0.240″ x 0.320″ x 0.620″, Taper
Z6
0.140″ x 0.620″ Microstrip
Z7
0.510″ x 0.620″ Microstrip
Z8
0.330″ x 0.320″ Microstrip
Z9
0.140″ x 0.320″ Microstrip
Z10
0.070″ x 0.080″ Microstrip
Z11
0.240″ x 0.080″ Microstrip
Z12
0.140″ x 0.080″ Microstrip
Z13
0.930″ x 0.080″ Microstrip
Z14
0.180″ x 0.080″ Microstrip
Z15
0.350″ x 0.080″ Microstrip
PCB
Arlon GX−0300−55−22, 0.03″, εr = 2.55
B1
Short Ferrite Bead Surface Mount
B2
Long Ferrite Bead Surface Mount
C1, C7, C13, C14
47 pF Chip Capacitors
C2, C3, C11
0.8−8.0 pF Gigatrim Variable Trim Capacitors
C4, C5, C8, C9
10 pF Chip Capacitors
C6, C15, C16
10 µF, 35 V Tantalum Surface Mount Chip Capacitors
C10
2.2 pF Chip Capacitor
C12
0.7 pF Chip Capacitor − MRF9045LS
1.3 pF Chip Capacitor − MRF9045
C17
220 µF, 50 V Electrolytic Capacitor
L1, L2
12.5 nH Surface Mount Inductors, Coilcraft
Z1
0.260″ x 0.080″ Microstrip
Z2
0.610″ x 0.120″ Microstrip
Z3
0.260″ x 0.320″ Microstrip
B1
C1
RF
INPUT
RF
OUTPUT
VGG
VDD
C6
L1
Z5
Z4
Z3
C2
Z2
Z1
Z7
C8
C9
Z8
Z9
Z10
C13 Z15
L2
C14
B2
C15
C16
C17
C5
C4
Z6
+
+
C7
+
+
Z14
C12
C10
C3
C11
Z11
Z12
Z13
Figure 2. 930 − 960 MHz Broadband Test Circuit Component Layout
C1
C2
C3
C5
C6
C7
C8
C9
C10
C4
C11
C12
C13
C14
C15 C16
C17
L1
L2
B1
B2
Rev-01
900 MHz
VDD
VGG
MRF9045
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.


Similar Part No. - MRF9045LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9045LSR1 FREESCALE-MRF9045LSR1 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9045LSR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com