Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2150KG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SL2150KG
Description  Front End Power Splitter with AGC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150KG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL2150KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 13Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SL2150F
Data Sheet
SEMICMF.019
10
3.0
Electrical Characteristics
Test conditions (unless otherwise stated)
T amb = -40o to 85o C, Vee=0V, Vcc=5V+-5%.
These characteristics are guaranteed by either production test or design. They apply within the specified ambient
temperature and supply voltage unless otherwise stated.
Electrical Characteristics
Characteristic
pin
min
typ
max
units
Conditions
Supply current
190
228
mA
Input frequency
range
50
860
MHz
Input impedance
3, 4
75
See Figure 4
Input return loss
8
dB
Input Noise
Figure
8dB
Tamb=270C,
see Figure 8
All loops at maximum
conversion gain
Variation in NF
with gain adjust
-1
dB/dB
See Figure 4
Gain
maximum
minimum
minimum
45.5
-65
7
-25
dB
dB
dB
Power gain from 75
single ended source to
differential 75
Ω load.
Vagcip=3.0V
Vagcip=0.5V
Vagcip=Vee
AGC monotonic from Vee to
Vcc.
Refer to Functional
description section for
information on calculating
maximum gain with other
load conditions
Input referred IP2
42
dBm
Assuming ideal power
match. See note 2 and
Figure 6.
Input referred IP3
18
dBm
Assuming ideal power
match. See note 2 and
Figure 6.
Input referred IM2
-57
-37
dBc
dBc
See note 2 and Figure 6.
See note 3 and Figure 6.


Similar Part No. - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL2150KG ZARLINK-SL2150KG Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
More results

Similar Description - SL2150KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Power-One
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
Skyworks Solutions Inc.
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
   5 GHz Front-End Module with Power Detector
logo
Analog Devices
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com