Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965DP-3.3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TJ3965DP-3.3
Description  1.5A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TJ3965DP-3.3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TJ3965DP-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TJ3965DP-3.3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Oct. 2006 – R1.2.1
8/9
HTC
APPLICATION INFORMATION
Output Adjustment (Adjustable Version)
An adjustable output device has output voltage range of 1.145V to 5.0V.
To obtain a desired output
voltage, the following equation can be used with R1 resistor range of 10k
to 220k
=
1
145
.
1
1
2
OUT
V
R
R
To enhance output stability, a capacitor of 68pF to 100pF can be placed in series with VOUT and ADJ.
SENSE Pin
In applications where the regulator output is not very close to the load, the TJ3965 can provide better
remote load regulation characteristics using the SENSE pin.
TJ3965 regulates the voltage at the output
pin.
Hence, the voltage at the remote load will be lower than the voltage at the output pin as a value of
the voltage drop across the trace series resistance.
If the sense option pin is not required, the sense pin
must be connected to the VOUT pin. Connecting the sense pin to the remote load will provide regulation
at the remote load because the TJ3965 regulates the voltage at the sense pin when the sense option pin
is used.
Maximum Output Current Capability
The TJ3965 can deliver a continuous current of 1.5A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application.
With respect to the applied package, the maximum output current of 1.5A
may be still undeliverable due to the restriction of the power dissipation of TJ3965.
Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA
TJ = TC + PD X θJC
TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal


Similar Part No. - TJ3965DP-3.3

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3965DP-1.2-8L HTC-TJ3965DP-1.2-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965DP-1.8V-8L HTC-TJ3965DP-1.8V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965DP-5.0V-8L HTC-TJ3965DP-5.0V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965DP-ADJ-8L HTC-TJ3965DP-ADJ-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965DP-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com