|
| CDB4344 |
|
||
|
CIRRUS |
|
4 page
CDB4344 4 DS613DB2 5. GROUNDING AND POWER SUPPLY DECOUPLING As with any high performance converter, the CS4344 requires careful attention to power supply and grounding arrangements to optimize performance. Figure 2 details the connections to the decoupling capacitors are located as close to the CS4344 as possible. Extensive use of ground plane fill in the evaluation board yields large reductions in radiated noise. 6. ANALOG OUTPUT FILTERING The analog output on the CDB4344 has been designed according to the CS4344 datasheet. This output circuit includes an AC coupling cap and a single pole R and C. An additional load resis- tance may be added by stuffing R10 and R26 to test the CS4344’s load driving capability. Table 1. System Connections CONNECTOR INPUT/OUTPUT SIGNAL PRESENT +5V Input + 5 V power GND Input Ground connection from power supply +3.3V to +5V Input +3.3 V to +5 V positive supply for the CS4344 VA power S/PDIF INPUT - J5 Input Digital audio interface input via coax S/PDIF INPUT - OPT1 Input Digital audio interface input via optical PCM INPUT - J9 Input Input for master, serial, left/right clocks and serial data LEFT_OUT and RIGHT_OUT Output RCA line level analog outputs |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CDB3318 | Evaluation Board for CS3318 | 1 2 3 4 5 More | Cirrus Logic |
| CDB4265 | Evaluation Board for CS4265 | 1 2 3 4 5 More | Cirrus Logic |
| CDB4334 | Evaluation Board for CS4334/8/9 Family of Products | 1 2 3 4 5 More | Cirrus Logic |
| NBSG111BAEVB | Evaluation Board Manual for NBSG111 | 1 2 3 4 5 More | ON Semiconductor |
| PM9904BPD | Evaluation Board for the SA9904B Energy Metering IC | 1 2 3 4 5 More | Sames |
| CDB44L11 | Evaluation Board for the CS44L11 | 1 2 3 4 5 More | Cirrus Logic |
| CDB53L21 | Evaluation Board for CS53L21 | 1 2 3 4 5 More | Cirrus Logic |
| CDB3308 | Evaluation Board for CS3308 | 1 2 3 4 5 More | Cirrus Logic |
| ZXCD50STEVAL | 50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXCD100MOEVAL | 100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |