Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5364 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB5364
Description  Evaluation Board for CS5364
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5364 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB5364 Datasheet HTML 7Page - Cirrus Logic CDB5364 Datasheet HTML 8Page - Cirrus Logic CDB5364 Datasheet HTML 9Page - Cirrus Logic CDB5364 Datasheet HTML 10Page - Cirrus Logic CDB5364 Datasheet HTML 11Page - Cirrus Logic CDB5364 Datasheet HTML 12Page - Cirrus Logic CDB5364 Datasheet HTML 13Page - Cirrus Logic CDB5364 Datasheet HTML 14Page - Cirrus Logic CDB5364 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS625DB1
11
CDB5364
4.5
Power Supply Circuitry
Power is applied to the evaluation board through five binding posts (+5 V, +12 V, -12 V, VA and GND). The
GND connection is the common reference for power supplies. The +5 V binding post supplies digital power
for all logic devices. The +12 V and -12 V binding posts supply power for the Operational Amplifier input
buffers. The VA binding posts supplies power to the Analog Reference.
4.6
Grounding and Power Supply Treatment
As a high-peformance mixed-signal device, the CS5364 requires careful attention to power and grounding
arrangements to optimize CS5364 performance. The CDB5364 Evaluation Board provides an excellent ref-
erence example of an optimum two-layer board layout that places decoupling capacitors as close to the
CS5364 as possible and provides ground plane fill on both top and bottom layers.
4.7
FPGA Hardware
The on-board FPGA is utilized for several purposes. In addition to providing a method for configuring the
CS5364 in Software mode, it contains its own configuration registers that provide clock and data routing for
Master and Slave modes of the CS5364. The FPGA contains a multiplexer that selects which SDOUT line
is routed to the CS8406. It also contains a TDM2PCM engine that extracts channel pairs from a TDM stream
and sends them to the CS8406.
4.8
CS8406 S/PDIF Audio Transmitter
The system generates standard S/PDIF data using a CS8406 192 kHz Digital Audio Transmitter. The
CS8406 receives input data from the FPGA in PCM format and transmits S/PDIF data on both optical and
coaxial output connectors. The optical output connector is limited to a maximum speed of 96 kHz. The co-
axial connector supports Quad Speed 192 kHz clocking rates.
4.9
Serial Audio Interface
In addition to the standard S/PDIF outputs, the Customer Evaluation Board has been designed to allow
Master and Slave operation using the Serial Audio Interface (SAI) via the 14-pin header, J4, which includes
the signals MCLK, SCLK, LRCK, and the four serial data lines.
When the CS5364 is in Slave mode, SCLK and LRCK/FS must be supplied externally through the J4 head-
er.
4.10 Analog Input Buffer
The CDB5364 includes an example of an active low-noise, single-ended-to-differential analog input buffer
shown in the schematic drawings, Figures 10 and 11. Alternate active or passive, single-ended or differen-
tial topologies may be used as cost dictates. However, the high performance of the CS5364 may be com-
promised. Optimum device performance is met by buffering the CS5364 with a low noise structure that is
stable with a 2700 pF output load.


Similar Part No. - CDB5364

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
More results

Similar Description - CDB5364

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
   Evaluation Board for CS3308
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com