Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8130 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB8130
Description  Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8130 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB8130 Datasheet HTML 2Page - Cirrus Logic CDB8130 Datasheet HTML 3Page - Cirrus Logic CDB8130 Datasheet HTML 4Page - Cirrus Logic CDB8130 Datasheet HTML 5Page - Cirrus Logic CDB8130 Datasheet HTML 6Page - Cirrus Logic CDB8130 Datasheet HTML 7Page - Cirrus Logic CDB8130 Datasheet HTML 8Page - Cirrus Logic CDB8130 Datasheet HTML 9Page - Cirrus Logic CDB8130 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CDB8130
6
DS170DB5
Removing J35 will disconnect power from the lev-
el translator.
All the digital signals on the CS8130, FORM/BSY,
D/C, TXD, RXD, EXTCLK, RESET, PWRDN,
and CLKFR can be accessed directly from header
J11. All digital input pins are tied to 47 k
Ω pull-up
resistors through resistor set R1.
1.6
Clock Selection
The clock for the CS8130 can be supplied via a
crystal tied between XTALIN and XTALOUT (the
default configuration on the evaluation board) or
by an external clock supplied through the EXT-
CLK pin.
To operate the CS8130 from an external clock
source, cut the trace under J3 (XTAL), and the
(XTAL) part of J4, then connect the center pin of J4
to the edge pin marked EXT.
Note: the EXTCLK pin on the CS8130 can be ei-
ther an input or an output. If the CS8130 is being
clocked from a crystal, EXTCLK is an output. If
no crystal is present, EXTCLK is an input. This de-
termination of direction is made while RESET is
asserted.
The CS8130 can be operated from either a 3.6864
MHz or a 1.8432 MHz clock source. If operating
from a 3.6864 MHz source, jumper J18 (CLKFR)
must be installed. This brings the CLKFR pin on
the CS8130 low. If operating from a 1.8432 MHz
source, jumper J18 should be removed.
1.7
Power Down
Jumper J14 (PWRDN) controls the state of the
PWRDN pin on the CS8130. PWRDN is asserted
when J14 is installed.
1.8
Status Indicator LEDs
Key digital signals on the CS8130 are displayed on
indicator LEDs U6 (U8) and U7 (U9), shown sche-
matically in Figure 4. Because these LEDs are
driven through inverters, the interpretation of what
it means when a LED is lit can be confusing. Table
2 should help clarify this.
1.9
Software
The CDB8130 evaluation kit comes equipped with
software that can be used to evaluate and test the
CS8130. Additional software is currently under
development.
See the documentation supplied with the CDB8130
evaluation kit for instructions on how to use the
software.
Software updates and new releases can be down-
loaded from the Crystal BBS. Contact the factory
for details.
Name
LED On means. . .
LED1C
Transmitter #1 active
LED2C
Transmitter #2 active
PWRDN
Power down asserted
RESET
Reset asserted
RXD
Data being received by the CS8130
TXD
Data being transmitted to the CS8130
D/C
CS8130 in Control Mode
FORM/BSY
Auto detect ASK/TV TX ready
Table 2. LED Indicator Meanings


Similar Part No. - CDB8130

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDB80D92 SUMIDA-CDB80D92 Datasheet
246Kb / 4P
   SMD Power Inductor
CDB80D92NP-R12MC SUMIDA-CDB80D92NP-R12MC Datasheet
246Kb / 4P
   SMD Power Inductor
CDB80D92NP-R15MC SUMIDA-CDB80D92NP-R15MC Datasheet
246Kb / 4P
   SMD Power Inductor
CDB80D92NP-R22MC SUMIDA-CDB80D92NP-R22MC Datasheet
246Kb / 4P
   SMD Power Inductor
CDB80D92NP-R30MC SUMIDA-CDB80D92NP-R30MC Datasheet
246Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDB8130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com